Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412CHFK Datasheet(PDF) 14 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412CHFK
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412CHFK Datasheet(HTML) 14 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 14 / 51 page
background image
Analog Integrated Circuit Device Data
14
Freescale Semiconductor
10XS3412
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
POWER OUTPUT TIMING HS0 TO HS3 (CONTINUED)
Fault Detection Blanking Time(28)
10XS3412CHFK
10XS3412DHFK
tFAULT
-
-
5.0
5.0
20
10
μs
Output Shutdown Delay Time(29)
10XS3412CHFK
10XS3412DHFK
tDETECT
-
-
7.0
7.0
30
20
μs
CSNS Valid Time(30)
tCNSVAL
70
100
μs
Watchdog Timeout(31)
tWDTO
217
310
400
ms
ON Open-load Fault Cyclic Detection Time with LED
-
fIN0 / 128
-
ms
Notes
28.
Time necessary to report the fault to FS pin.
29.
Time necessary to switch off the output in case of OT or OC or SC or UV fault detection (from negative edge of FS pin to HS voltage =
50% of VPWR
30.
Time necessary for CSNS to be within ±5% of the targeted value (from HS voltage = 50% of VPWR to ±5% of the targeted CSNS value).
31.
For FSI open, the Watchdog timeout delay measured from the rising edge of RST, to HS[0,2] output state depend on the corresponding
input command.
Table 5. Dynamic Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40 °C ≤ TA ≤ 125 °C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn