Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412CHFK Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412CHFK
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412CHFK Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Zoom Inzoom in Zoom Outzoom out
 10 / 51 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
10XS3412
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OUTPUTS HS0 TO HS3 (continued)
Output Over-current Detection Levels (6.0 V < VHS[0:3] < 20 V)
28 W bit = 0
28 W bit = 1
OCHI1_0
OCHI2_0
OC1_0
OC2_0
OC3_0
OC4_0
OCLO4_0
OCLO3_0
OCLO2_0
OCLO1_0
OCHI1_1
OCHI2_1
OC1_1
OC2_1
OC3_1
OC4_1
OCLO4_1
OCLO3_1
OCLO2_1
OCLO1_1
78
50
44.1
37.8
31.5
25.2
18.9
12.6
10.0
6.4
39
25
22.0
18.9
15.7
12.6
9.4
6.0
4.5
3.0
94.0
60.0
52.5
45.0
37.5
30.0
22.5
15.0
12.0
8.0
47.0
30.0
26.2
22.5
18.7
15.0
11.2
7.5
6.0
4.0
110
70
60.9
52.2
43.5
34.8
26.1
17.4
14.0
9.6
55
35
30.5
26.1
21.8
17.4
13.1
9.0
7.5
5.0
A
Current Sense Ratio (6.0 V < HS[0:3] < 20 V, CSNS < 5.0 V)
(16)
28 W bit = 0
CSNS_ratio bit = 0
CSNS_ratio bit = 1
28 W bit = 1
CSNS_ratio bit = 0
CSNS_ratio bit = 1
CSR0_0
CSR1_0
CSR0_1
CSR1_1
1/8700
1/53000
1/4350
1/26500
Current Sense Ratio (CSR0) Accuracy (6.0 V < VHS[0:3] < 20 V)
with 28 W bit=0
Output Current
12.5 A
5.0 A
3.0 A
1.5 A
CSR0_0_ACC
-12
-13
-16
-20
12
13
16
20
%
Notes
16.
Current sense ratio = ICSNS / IHS[0:3]
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40 °C ≤ TA ≤ 125 °C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn