Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10XS3412CHFK Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC10XS3412CHFK
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC10XS3412CHFK Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC10XS3412CHFK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC10XS3412CHFK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC10XS3412CHFK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC10XS3412CHFK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC10XS3412CHFK Datasheet HTML 9Page - Freescale Semiconductor, Inc MC10XS3412CHFK Datasheet HTML 10Page - Freescale Semiconductor, Inc MC10XS3412CHFK Datasheet HTML 11Page - Freescale Semiconductor, Inc MC10XS3412CHFK Datasheet HTML 12Page - Freescale Semiconductor, Inc MC10XS3412CHFK Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
10XS3412
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
OUTPUTS HS0 TO HS3
HS[0,1] Output Drain-to-Source ON Resistance
(IHS = 5.0 A, TA = 25 °C)
VPWR = 4.5 V
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS_01(ON)
36
16
10
10
m
Ω
HS[0,1] Output Drain-to-Source ON Resistance (IHS = 5.0 A, TA = 150 °C)
VPWR = 4.5 V
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS_01(ON)
62
27
17
17
m
Ω
HS[0,1] Output Source-to-Drain ON Resistance (IHS = -5.0 A,
VPWR = 18 V)
(14)
TA = 25 °C
TA = 150 °C
RSD_01(ON)
15
20
m
Ω
HS[2,3] Output Drain-to-Source ON Resistance
(IHS = 5.0 A, TA = 25 °C)
VPWR = 4.5 V
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS_23(ON)
44
19
12
12
m
Ω
HS[2,3] Output Drain-to-Source ON Resistance (IHS = 5.0 A, TA = 150 °C)
VPWR = 4.5 V
VPWR = 6.0 V
VPWR = 10 V
VPWR = 13 V
RDS_23(ON)
75
33
21
21
m
Ω
HS[2,3] Output Source-to-Drain ON Resistance
(IHS = -5.0 A, VPWR = -18 V)
(14)
TA = 25 °C
TA = 150 °C
RSD_23(ON)
18
24
m
Ω
Maximum Severe Short-circuit Impedance Detection(15)
RSHORT
28
64
100
m
Ω
Notes
14.
Source-Drain ON Resistance (Reverse Drain-to-Source ON Resistance) with negative polarity VPWR.
15.
Short-circuit impedance calculated from HS[0:3] to GND pins. Value guaranteed per design.
Table 4. Static Electrical Characteristics (continued)
Characteristics noted under conditions 6.0 V
≤ VPWR ≤ 20 V, 3.0 V ≤ VDD ≤ 5.5 V, -40 °C ≤ TA ≤ 125 °C, GND = 0 V, unless
otherwise noted. Typical values noted reflect the approximate parameter means at TA = 25 °C under nominal conditions, unless
otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC10XS3412CHFK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC10XS3412CHFK NXP-MC10XS3412CHFK Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
More results

Similar Description - MC10XS3412CHFK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC10XS3412 NXP-MC10XS3412 Datasheet
1Mb / 60P
   Quad high-side switch (dual 10 mOhm, dual 12 mOhm)
logo
Freescale Semiconductor...
10XS3412 FREESCALE-10XS3412_09 Datasheet
1Mb / 53P
   Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
10XS3435 FREESCALE-10XS3435 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XS3435 FREESCALE-10XS3435_V10 Datasheet
1Mb / 51P
   Quad High Side Switch(Dual 10 mOhm, Dual 35 mOhm)
logo
NXP Semiconductors
MC10XS3425 NXP-MC10XS3425 Datasheet
1Mb / 52P
   Quad high-side switch (dual 10 mOhm, dual 25 mOhm)
logo
Freescale Semiconductor...
10XS3435 FREESCALE-10XS3435_09 Datasheet
1Mb / 51P
   Quad High Side Switch (Dual 10 mOhm, Dual 35 mOhm)
10XSD200 FREESCALE-10XSD200 Datasheet
1Mb / 60P
   Dual 10 mOhm High Side Switch
logo
NXP Semiconductors
MC12XS6D4 NXP-MC12XS6D4 Datasheet
1Mb / 71P
   Dual 8.0 mOhm and dual 21 mOhm high-side switch
Rev. 6.0, 1/2021
logo
Freescale Semiconductor...
MC10XS4200 FREESCALE-MC10XS4200 Datasheet
1Mb / 60P
   Dual 24 V, 10 mOhm High Side Switch
logo
NXP Semiconductors
MC10XS4200 NXP-MC10XS4200 Datasheet
2Mb / 71P
   Dual 24 V, 10 mOhm high-side switch
Rev. 8, 3/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com