Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412CHFK Datasheet(PDF) 50 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412CHFK
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412CHFK Datasheet(HTML) 50 Page - Freescale Semiconductor, Inc

 
Zoom Inzoom in Zoom Outzoom out
 50 / 51 page
background image
Analog Integrated Circuit Device Data
50
Freescale Semiconductor
10XS3412
REVISION HISTORY
REVISION HISTORY
REVISION
DATE
DESCRIPTION OF CHANGES
7.0
10/2008
• Initial release
8.0
10/2008
• Revised wording of VPWR Supply Voltage Range in Maximum Rating Table on page 5.
• Changed Maximum rating for Output Source-to-Drain ON Resistance in Static Electrical
Characteristics Table on page 8.
9.0
7/2009
• Added MC10XS3412DPNA part number. The “D” version has different soldering limits.
10.0
10/2009
• Corrected minor formatting
• Separated definitions for the 10XS3412C and 10XS3412D in the Static and Dynamic Tables and
created a Device Variation Table on page 2.
11.0
05/2012
• Added MC10XS3412CHFK and removed MC10XS3412CPNA from the ordering information
• Added MC10XS3412DHFK and removed MC10XS3412DPNA from the ordering information
• Updated the pin soldering temperature limit from 10 seconds to 40 seconds (Note (1) and (8)).
• Updated Freescale form and style


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn