Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC10XS3412CHFK Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part No. MC10XS3412CHFK
Description  Quad High Side Switch (Dual 10 mOhm, Dual 12 mOhm)
Download  51 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FREESCALE [Freescale Semiconductor, Inc]
Homepage  http://www.freescale.com
Logo 

MC10XS3412CHFK Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

 
Zoom Inzoom in Zoom Outzoom out
 5 / 51 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
10XS3412
PIN CONNECTIONS
14, 17, 23
GND
Ground
Ground
These pins, internally shorted, are the ground for the logic and analog circuitry
of the device. These ground pins must be also shorted in the board.
15
VPWR
Power
Positive Power Supply This pin connects to the positive power supply and is the source of operational
power for the device.
16
SO
Output
Serial Output
This output pin is connected to the SPI serial data input pin of the MCU or to
the SI pin of the next device of a daisy
-chain of devices.
18
19
21
22
HS3
HS1
HS0
HS2
Output
High Side Outputs
Protected 10 m
Ω (HS0 and HS1) 12 mΩ (HS2 and HS3) high side power
output pins to the load.
4, 20
NC
N/A
No Connect
These pins may not be connected.
24
FSI
Input
Fail Safe Input
This input enables the watchdog timeout feature.
Table 2. 10XS3412 Pin Definitions (continued)
A functional description of each pin can be found in the Functional Pin Description section beginning on page 23.
Pin
Number
Pin Name
Pin
Function
Formal Name
Definition


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn