Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX507CVM8B Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MCIMX507CVM8B
Description  i.MX50 Applications Processors for Consumer Products
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX507CVM8B Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MCIMX507CVM8B Datasheet HTML 78Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 79Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 80Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 81Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 82Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 83Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 84Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 85Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 86Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
82
Freescale Semiconductor
Electrical Characteristics
4.9.6
One-Wire (OWIRE) Timing Parameters
Figure 42 depicts the RPP timing, and Table 59 lists the RPP timing parameters.
Figure 42. Reset and Presence Pulses (RPP) Timing Diagram
IC4
Data hold time
01
3.452
01
0.92
µs
IC5
HIGH Period of I2CLK Clock
4.0
0.6
µs
IC6
LOW Period of the I2CLK Clock
4.7
1.3
µs
IC7
Set-up time for a repeated START condition
4.7
0.6
µs
IC8
Data set-up time
250
1003
—ns
IC9
Bus free time between a STOP and START condition
4.7
1.3
µs
IC10
Rise time of both I2DAT and I2CLK signals
1000
20 + 0.1Cb
4
300
ns
IC11
Fall time of both I2DAT and I2CLK signals
300
20 + 0.1Cb
4
300
ns
IC12
Capacitive load for each bus line (Cb)
400
400
pF
1 A device must internally provide a hold time of at least 300 ns for I2DAT signal in order to bridge the undefined region of the
falling edge of I2CLK.
2 The maximum hold time has only to be met if the device does not stretch the LOW period (ID no IC5) of the I2CLK signal.
3 A Fast-mode I2C-bus device can be used in a Standard-mode I2C-bus system, but the requirement of Set-up time (ID No IC7)
of 250 ns must be met. This automatically is the case if the device does not stretch the LOW period of the I2CLK signal.
If such a device does stretch the LOW period of the I2CLK signal, it must output the next data bit to the I2DAT line
max_rise_time (IC9) + data_setup_time (IC7) = 1000 + 250 = 1250 ns (according to the Standard-mode I2C-bus specification)
before the I2CLK line is released.
4 C
b = total capacitance of one bus line in pF.
Table 58. I2C Module Timing Parameters (continued)
ID
Parameter
Standard Mode
Supply Voltage =
1.65 V–1.95 V, 2.7 V–3.3 V
Fast Mode
Supply Voltage =
2.7 V–3.3 V
Unit
Min
Max
Min
Max
One-Wire bus
One Wire Device Tx
“Presence Pulse”
(BATT_LINE)
One-WIRE Tx
“Reset Pulse”
OW1
OW2
OW3
OW4
tR


Similar Part No. - MCIMX507CVM8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX507CVM8B NXP-MCIMX507CVM8B Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
More results

Similar Description - MCIMX507CVM8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com