Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX507CVM8B Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MCIMX507CVM8B
Description  i.MX50 Applications Processors for Consumer Products
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX507CVM8B Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MCIMX507CVM8B Datasheet HTML 33Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 34Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 35Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 36Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 37Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 38Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 39Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 40Page - Freescale Semiconductor, Inc MCIMX507CVM8B Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
37
4.4.1
GPIO Output Buffer Impedance
Table 23 shows the GPIO output buffer impedance of the i.MX50 processor.
4.4.2
LVIO Output Buffer Impedance
Table 24 shows the LVIO output buffer impedance of the i.MX50 processor.
Table 23. GPIO Output Buffer Impedance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OVDD
2.775 V
OVDD
1.875V
Output driver
impedance
Rpu
Low drive strength, Ztl = 150
Ω
Medium drive strength, Ztl = 75
Ω
High drive strength, Ztl = 50
Ω
Max drive strength, Ztl = 37.5
Ω
80
40
27
20
104
52
35
26
150
75
51
38
250
125
83
62
Ω
Output driver
impedance
Rpd
Low drive strength, Ztl = 150
Ω
Medium drive strength, Ztl = 75
Ω
High drive strength, Ztl = 50
Ω
Max drive strength, Ztl = 37.5
Ω
64
32
21
16
88
44
30
22
134
66
44
34
243
122
81
61
Ω
Table 24. LVIO Output Buffer Impedance
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
OVDD
2.775 V
OVDD
1.875V
Output driver
impedance
Rpu
Low drive strength, Ztl = 150
Ω
Medium drive strength, Ztl = 75
Ω
High drive strength, Ztl = 50
Ω
Max drive strength, Ztl = 37.5
Ω
80
40
27
20
104
52
35
26
150
75
51
38
250
125
83
62
Ω
Output driver
impedance
Rpd
Low drive strength, Ztl = 150
Ω
Medium drive strength, Ztl = 75
Ω
High drive strength, Ztl = 50
Ω
Max drive strength, Ztl = 37.5
Ω
64
32
21
16
88
44
30
22
134
66
44
34
243
122
81
61
Ω


Similar Part No. - MCIMX507CVM8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX507CVM8B NXP-MCIMX507CVM8B Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
More results

Similar Description - MCIMX507CVM8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com