Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX508CVM8B Datasheet(PDF) 100 Page - Freescale Semiconductor, Inc

Part # MCIMX508CVM8B
Description  i.MX50 Applications Processors for Consumer Products
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX508CVM8B Datasheet(HTML) 100 Page - Freescale Semiconductor, Inc

Back Button MCIMX508CVM8B Datasheet HTML 96Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 97Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 98Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 99Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 100Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 101Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 102Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 103Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 104Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 134 page
background image
i.MX50 Applications Processors for Consumer Products, Rev. 2
100
Freescale Semiconductor
Package Information and Contact Assignments
4.9.11.4
USB VBUS Parameters
Table 77 lists the USB VBUS input parameters.
5
Package Information and Contact Assignments
This section includes the contact assignment information and mechanical package drawing.
5.1
13 x 13 mm, 0.5 mm Pitch, 416 Pin MAPBGA Package Information
This section contains the outline drawing, signal assignment map, ground, power, reference ID (by ball
grid location) for the 13 x 13 mm, 0.5 mm pitch, 416 pin MAPBGA package.
Jitter (peak-peak)
<1.2 MHz
0
50
ps
Jitter (peak-peak)
>1.2 MHz
0
100
ps
Duty-cycle
Reference Clock
frequency 24 MHz
40
60
%
Table 77.
VBUS Comparators Thresholds
Parameter
Conditions
Min
Typ
Max
Unit
A-Device Session Valid Comparator
Threshold
0.8
1.4
2.0
V
B-Device Session Valid Comparator
Threshold
0.8
1.4
4.0
V
B-Device Session End Comparator
Threshold
0.2
0.45
0.8
V
VBUS Valid Comparator Threshold1
1 For VBUS maximum rating, see Table 7.
—4.4
4.6
4.75
V
VBUS for CHGR_DET_B Operation
3.0
V
VBUS Input Current
VBUS = 5.25 V
350
μA
Table 76. USB PHY System Clocking Parameters (continued)
Parameter
Conditions
Min
Typ
Max
Unit


Similar Part No. - MCIMX508CVM8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX508CVM8B NXP-MCIMX508CVM8B Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
More results

Similar Description - MCIMX508CVM8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com