Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX508CVM8B Datasheet(PDF) 87 Page - Freescale Semiconductor, Inc

Part # MCIMX508CVM8B
Description  i.MX50 Applications Processors for Consumer Products
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX508CVM8B Datasheet(HTML) 87 Page - Freescale Semiconductor, Inc

Back Button MCIMX508CVM8B Datasheet HTML 83Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 84Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 85Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 86Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 87Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 88Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 89Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 90Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 91Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
87
Figure 50. TRST Timing Diagram
Table 63. JTAG Timing
ID
Parameter1,2
All Frequencies
Unit
Min
Max
SJ0
TCK frequency of operation 1/(3•TDC)
1
1 T
DC = target frequency of SJC
0.001
22
MHz
SJ1
TCK cycle time in crystal mode
45
ns
SJ2
TCK clock pulse width measured at VM
2
2 V
M = mid-point voltage
22.5
ns
SJ3
TCK rise and fall times
3
ns
SJ4
Boundary scan input data set-up time
5
ns
SJ5
Boundary scan input data hold time
24
ns
SJ6
TCK low to output data valid
40
ns
SJ7
TCK low to output high impedance
40
ns
SJ8
TMS, TDI data set-up time
5
ns
SJ9
TMS, TDI data hold time
25
ns
SJ10
TCK low to TDO data valid
44
ns
SJ11
TCK low to TDO high impedance
44
ns
SJ12
TRST assert time
100
ns
SJ13
TRST set-up time to TCK low
40
ns
TCK
(Input)
TRST
(Input)
SJ13
SJ12


Similar Part No. - MCIMX508CVM8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX508CVM8B NXP-MCIMX508CVM8B Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
More results

Similar Description - MCIMX508CVM8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com