Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX508CVM8B Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MCIMX508CVM8B
Description  i.MX50 Applications Processors for Consumer Products
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX508CVM8B Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MCIMX508CVM8B Datasheet HTML 71Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 72Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 73Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 74Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 75Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 76Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 77Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 78Page - Freescale Semiconductor, Inc MCIMX508CVM8B Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
75
4.9.2.3
eCSPI Master Mode Timing
Figure 34 depicts the timing of eCSPI in master mode and Table 51 lists the eCSPI master mode timing
characteristics.
Figure 34. eCSPI Master Mode Timing Diagram
Table 51. eCSPI Master Mode Timing Parameters
ID
Parameter
Symbol
Min
Max
Unit
CS1
eCSPIx_CLK Cycle Time–Read
eCSPIx_CLK Cycle Time–Write
tclk
60
15
—ns
CS2
eCSPIx_CLK High or Low Time
tSW
6—
ns
CS3
eCSPIx_CLK Rise or Fall
tRISE/FALL
——
ns
CS4
eCSPIx_CS_x pulse width
tCSLH
15
ns
CS5
eCSPIx_CS_x Lead Time (CS setup time)
tSCS
5—
ns
CS6
eCSPIx_CS_x Lag Time (CS hold time)
tHCS
5—
ns
CS7
eCSPIx_DO Setup Time
tSmosi
5—
ns
CS8
eCSPIx_DO Hold Time
tHmosi
5—
ns
CS9
eCSPIx_DI Setup Time
tSmiso
5—
ns
CS10
eCSPIx_DI Hold Time
tHmiso
5—
ns
CS11
eCSPIx_DRYN Setup Time
tSDRY
5—
ns
CS1
CS7 CS8
CS2
CS2
CS4
CS6
CS5
CS9 CS10
eCSPIx_CLK
eCSPIx_CS_x
eCSPIx_DO
eCSPIx_DI
eCSPIx_DRYN1
CS11
CS3
CS3


Similar Part No. - MCIMX508CVM8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX508CVM8B NXP-MCIMX508CVM8B Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
More results

Similar Description - MCIMX508CVM8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com