Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ5350A Datasheet(PDF) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

Part # SMBJ5350A
Description  ZENER DIODES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Direct Link  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

SMBJ5350A Datasheet(HTML) 2 Page - Shenzhen Taychipst Electronic Co., Ltd

  SMBJ5350A Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd SMBJ5350A Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ZENER DIODES
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
5000mW
2 of 2
SMBJ5333A-SMBJ5362A
TYPE
型号
Zener voltage
齐纳电压
Dynamic resistance
动态阻抗
Maximum reverse current
最大反向电流
TA=25℃
Maximum
regulator current
最大稳压电流
Power
dissipation
耗散功率
Package
封装形式
VZ@IZT
IZT
ZZT@IZT
ZZK@IZK
IZK
IR@VR
IZM
Pd
V
mA
Ω
Ω
mA
μA
V
mA
mW
SMBJ5333A
3.3
380
3
400
1
300
1
1440
5000
SMB
SMBJ5334A
3.6
350
2.5
500
1
150
1
1320
5000
SMB
SMBJ5335A
3.9
320
2
500
1
50
1
1220
5000
SMB
SMBJ5336A
4.3
290
2
500
1
10
1
1100
5000
SMB
SMBJ5337A
4.7
260
2
450
1
5
1
1010
5000
SMB
SMBJ5338A
5.1
240
1.5
400
1
1
1
930
5000
SMB
SMBJ5339A
5.6
220
1
400
1
1
2
856
5000
SMB
SMBJ5340A
6
200
1
300
1
1
3
790
5000
SMB
SMBJ5341A
6.2
200
1
200
1
1
4
765
5000
SMB
SMBJ5342A
6.8
175
1
200
1
10
4.9
700
5000
SMB
SMBJ5343A
7.5
175
1.5
200
1
10
5.4
630
5000
SMB
SMBJ5344A
8.2
150
1.5
200
1
10
5.9
580
5000
SMB
SMBJ5345A
8.7
150
2
200
1
10
6.3
545
5000
SMB
SMBJ5346A
9.1
150
2
150
1
7.5
6.6
520
5000
SMB
SMBJ5347A
10
125
2
125
1
5
7.2
475
5000
SMB
SMBJ5348A
11
125
2.5
125
1
5
8
430
5000
SMB
SMBJ5349A
12
100
2.5
125
1
2
8.6
395
5000
SMB
SMBJ5350A
13
100
2.5
100
1
1
9.4
365
5000
SMB
SMBJ5351A
14
100
2.5
75
1
1
10.1
340
5000
SMB
SMBJ5352A
15
75
2.5
75
1
1
10.8
315
5000
SMB
SMBJ5353A
16
75
2.5
75
1
1
11.5
295
5000
SMB
SMBJ5354A
17
70
2.5
75
1
0.5
12.2
280
5000
SMB
SMBJ5355A
18
65
2.5
75
1
0.5
13
265
5000
SMB
SMBJ5356A
19
65
3
75
1
0.5
13.7
250
5000
SMB
SMBJ5357A
20
65
3
75
1
0.5
14.4
237
5000
SMB
SMBJ5358A
22
50
3.5
75
1
0.5
15.8
216
5000
SMB
SMBJ5359A
24
50
3.5
100
1
0.5
17.3
198
5000
SMB
SMBJ5360A
25
50
4
110
1
0.5
18
190
5000
SMB
SMBJ5361A
27
50
5
120
1
0.5
19.4
176
5000
SMB
SMBJ5362A
28
50
6
130
1
0.5
20.1
170
5000
SMB


Similar Part No. - SMBJ5350A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ5350A EIC-SMBJ5350A Datasheet
40Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
DIYI Electronic Technol...
SMBJ5350A DYELEC-SMBJ5350A Datasheet
1Mb / 4P
   5W Surface Mount Silicon Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
SMBJ5350A YFWDIODE-SMBJ5350A Datasheet
377Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - SMBJ5350A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com