Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX508CZK8B Datasheet(PDF) 13 Page - Freescale Semiconductor, Inc

Part # MCIMX508CZK8B
Description  i.MX50 Applications Processors for Consumer Products
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX508CZK8B Datasheet(HTML) 13 Page - Freescale Semiconductor, Inc

Back Button MCIMX508CZK8B Datasheet HTML 9Page - Freescale Semiconductor, Inc MCIMX508CZK8B Datasheet HTML 10Page - Freescale Semiconductor, Inc MCIMX508CZK8B Datasheet HTML 11Page - Freescale Semiconductor, Inc MCIMX508CZK8B Datasheet HTML 12Page - Freescale Semiconductor, Inc MCIMX508CZK8B Datasheet HTML 13Page - Freescale Semiconductor, Inc MCIMX508CZK8B Datasheet HTML 14Page - Freescale Semiconductor, Inc MCIMX508CZK8B Datasheet HTML 15Page - Freescale Semiconductor, Inc MCIMX508CZK8B Datasheet HTML 16Page - Freescale Semiconductor, Inc MCIMX508CZK8B Datasheet HTML 17Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 134 page
background image
Modules List
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
13
eSDHCv3-3
(eMMC 4.4)
Ultra-High-
Speed
Multi-Media
Card/
Secure Digital
card host
controller, ver. 3
Master
Connectivity
Peripherals
Ultra High-Speed eSDHC, enhanced to support eMMC 4.4 standard
specification, for 832 Mbps.
IP is backward compatible to eSDHCv2 IP. See complete features listing in
eSDHCv2 entry below.
Port 3 is specifically enhanced to support eMMC 4.4 specification, for double
data rate (832 Mbps, 8-bit port).
eSDHCv2-1
eSDHCv2-2
eSDHCv2-4
Enhanced
Multi-Media
Card/
Secure Digital
Host Controller,
ver. 2
In Enhanced Multi-Media Card/Secure Digital Host Controller the Ports 1, 2,
and 4 are compatible with the
MMC System Specification version 4.3, full
support
The generic features of the eSDHCv2 module, when serving as SD/MMC
host, include the following:
• Can be configured either as SD/MMC controller
• Supports eSD and eMMC standard, for SD/MMC embedded type cards
• Conforms to
SD Host Controller Standard Specification version 2.0, full
support
• Compatible with the SD Memory Card Specification version 1.1
• Compatible with the SDIO Card Specification version 1.2
• Designed to work with SD Memory, miniSD Memory, SDIO, miniSDIO, SD
Combo, MMC and MMC RS cards
• Configurable to work in one of the following modes:
—SD/SDIO 1-bit, 4-bit
—MMC 1-bit, 4-bit, 8-bit
• Full/High speed mode
• Host clock frequency variable between 32 kHz to 52 MHz
• Up to 200 Mbps data transfer for SD/SDIO cards using four parallel data
lines
• Up to 416 Mbps data transfer for MMC cards using eight parallel data lines
FEC
Fast Ethernet
Controller
Master
Connectivity
Peripherals
The Ethernet Media Access Controller (MAC) is designed to support both
10 Mbps and 100 Mbps Ethernet/IEEE Std 802.3™ networks. An external
transceiver interface and transceiver function are required to complete the
interface to the media.
GPIO-1
GPIO-2
GPIO-3
GPIO-4
GPIO-5
GPIO-6
General
Purpose I/O
Modules
Slave
Connectivity
Peripherals
These modules are used for general purpose input/output to external ICs.
Each GPIO module supports up to 32 bits of I/O.
GPT
General
Purpose Timer
Timer
Peripherals
Each GPT is a 32-bit
free-running or set and forget mode timer with a
programmable prescaler and compare and capture register. A timer counter
value can be captured using an external event, and can be configured to
trigger a capture event on either the leading or trailing edges of an input pulse.
When the timer is configured to operate in “set and forget” mode, it is capable
of providing precise interrupts at regular intervals with minimal processor
intervention. The counter has output compare logic to provide the status and
interrupt at comparison. This timer can be configured to run either on an
external clock or on an internal clock.
Table 4. i.MX50 Digital and Analog Modules (continued)
Block
Mnemonic
Block Name
Subsystem
Brief Description


Similar Part No. - MCIMX508CZK8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX508CZK8B NXP-MCIMX508CZK8B Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
More results

Similar Description - MCIMX508CZK8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com