Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCIMX508CVK8B Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # MCIMX508CVK8B
Description  i.MX50 Applications Processors for Consumer Products
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCIMX508CVK8B Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button MCIMX508CVK8B Datasheet HTML 57Page - Freescale Semiconductor, Inc MCIMX508CVK8B Datasheet HTML 58Page - Freescale Semiconductor, Inc MCIMX508CVK8B Datasheet HTML 59Page - Freescale Semiconductor, Inc MCIMX508CVK8B Datasheet HTML 60Page - Freescale Semiconductor, Inc MCIMX508CVK8B Datasheet HTML 61Page - Freescale Semiconductor, Inc MCIMX508CVK8B Datasheet HTML 62Page - Freescale Semiconductor, Inc MCIMX508CVK8B Datasheet HTML 63Page - Freescale Semiconductor, Inc MCIMX508CVK8B Datasheet HTML 64Page - Freescale Semiconductor, Inc MCIMX508CVK8B Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 134 page
background image
Electrical Characteristics
i.MX50 Applications Processors for Consumer Products, Rev. 2
Freescale Semiconductor
61
Table 42. EIM Bus Timing Parameters 1
1 t is axi_clk cycle time. The maximum allowed axi_clk frequency is 133 MHz, whereas the maximum allowed EIM_BCLK
frequency is 66.5 MHz. As a result, if BCD = 0, axi_clk must be
66.5 MHz. If BCD = 1, then 133 MHz is allowed for axi_clk,
resulting in a EIM_BCLK of 66.5 MHz. When the clock branch to EIM is decreased to 66.5 MHz, other buses are impacted
which are clocked from this source. See the CCM chapter of the
MCIMX50 Applications Processor Reference Manual
(MCIMX50RM) for a detailed clock tree description.
ID
Parameter
BCD = 0
BCD = 1
BCD = 2
BCD = 3
Min
Max
Min
Max
Min
Max
Min
Max
WE1
EIM_BCLK Cycle time2
t—
2t
3t
4t
WE2
EIM_BCLK Low Level Width
0.4t
0.8t
1.2t
1.6t
WE3
EIM_BCLK High Level
Width
0.4t
0.8t
1.2t
1.6t
WE4
Clock rise to address valid3
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE5
Clock rise to address invalid 0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE6
Clock rise to EIM_CSx valid 0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE7
Clock rise to EIM_CSx
invalid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE8
Clock rise to EIM_RW valid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE9
Clock rise to EIM_RW
invalid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE10
Clock rise to EIM_OE valid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE11
Clock rise to EIM_OE invalid 0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE12
Clock rise to EIM_EBx valid 0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE13
Clock rise to EIM_EBx
invalid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE14
Clock rise to EIM_LBA valid 0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE15
Clock rise to EIM_LBA
invalid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
3t – 1.25
3t + 1.75
WE16
Clock rise to Output Data
valid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
2t – 1.25
2t + 1.75
WE17
Clock rise to Output Data
Invalid
0.5t – 1.25
0.5t + 1.75
t – 1.25 t + 1.75 2t – 1.25
2t + 1.75
2t – 1.25
2t + 1.75
WE18
Input Data setup time to
Clock rise
2
2
2—
2—
WE19
Input Data hold time from
Clock rise
2.5
2.5
2.5
2.5
WE20
EIM_WAIT setup time to
Clock rise
2
2
2—
2—
WE21
EIM_WAIT hold time from
Clock rise
2.5
2.5
2.5
2.5


Similar Part No. - MCIMX508CVK8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MCIMX508CVK8B NXP-MCIMX508CVK8B Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
More results

Similar Description - MCIMX508CVK8B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX50CEC NXP-IMX50CEC Datasheet
2Mb / 136P
   i.MX50 Applications Processors for Consumer Products
Rev. 7, 10/2013
logo
Freescale Semiconductor...
IMX53CEC FREESCALE-IMX53CEC Datasheet
3Mb / 204P
   Applications Processors for Consumer Products
MCIMX6U5DVM10AB FREESCALE-MCIMX6U5DVM10AB Datasheet
2Mb / 168P
   Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX28CEC NXP-IMX28CEC Datasheet
817Kb / 74P
   i.MX28 Applications Processors for Consumer Products
Rev. 4, 10/2018
logo
Freescale Semiconductor...
MCIMX53XD FREESCALE-MCIMX53XD Datasheet
1Mb / 204P
   i.MX53xD Applications Processors for Consumer Products
logo
NXP Semiconductors
IMX53CEC NXP-IMX53CEC Datasheet
1Mb / 177P
   i.MX53xD Applications Processors for Consumer Products
Rev. 8, 02/2021
IMX6SXCEC NXP-IMX6SXCEC Datasheet
4Mb / 207P
   i.MX 6SoloX Applications Processors for Consumer Products
Rev. 4, 11/2018
MCIMX35SR2CEC NXP-MCIMX35SR2CEC Datasheet
2Mb / 147P
   i.MX35 Applications Processors for Industrial and Consumer Products
Rev. 10, 06/2012
IMX6SDLCEC NXP-IMX6SDLCEC Datasheet
3Mb / 169P
   i.MX 6Solo/6DualLite Applications Processors for Consumer Products
Rev. 9, 11/2018
logo
Freescale Semiconductor...
MCIMX35_101 FREESCALE-MCIMX35_101 Datasheet
1Mb / 148P
   i.MX35 Applications Processors for Industrial and Consumer Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com