Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP8542 Datasheet(PDF) 6 Page - Sipex Corporation

Part # SP8542
Description  Two and Four Channel 12-Bit Multiplexed Sampling ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP8542 Datasheet(HTML) 6 Page - Sipex Corporation

Back Button SP8542 Datasheet HTML 2Page - Sipex Corporation SP8542 Datasheet HTML 3Page - Sipex Corporation SP8542 Datasheet HTML 4Page - Sipex Corporation SP8542 Datasheet HTML 5Page - Sipex Corporation SP8542 Datasheet HTML 6Page - Sipex Corporation SP8542 Datasheet HTML 7Page - Sipex Corporation SP8542 Datasheet HTML 8Page - Sipex Corporation SP8542 Datasheet HTML 9Page - Sipex Corporation SP8542 Datasheet HTML 10Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
SP8542/8544DS/01
SP8542/8544 Two and Four Channel 12-Bit Multiplexed Sampling ADC's
© Copyright 2000 Sipex Corporation
6
1
GAIN ADJUST
N.C.
2
REF OUT
CH0
4
5
OFFSET ADJ.
6
V
DA
V
SS
7
V
DD
SCLK
8
CS
D
OUT
9
STATUS
SP8542
STATUS OUT
DATA OUT
CLOCK IN
10kOhms
0.01
µF*
* Optional filter capacitor is helpful in a noisy pc board application.
3
CH1
AGND
SD
DIN
DATA IN
CHIP SELECT
CH1
CH0
+5V
0.1
µF
0.1
µF
6.8
µF
SHUT DOWN
2kOhms
5kOhms
+
15
14
13
12
11
10
16
Figure 1. Operating Circuit
FEATURES
The SP8542 and SP8544 are two and four
channel 12-Bit serial In/Out data acquisition
system. The device contains a high speed 12-bit
analog to digital converter, internal reference,
and a two or four channel input Mux which
drives the internal sample and hold circuit.
The SP8542 and SP8544 are fabricated in Sipex'
Bipolar Enhanced CMOS Process that permits
state-of-the-art design using bipolar devices in
the analog/linear section and extremely low
power CMOS in digital/logic section.
CIRCUIT OPERATION
Figure 1 and 2 shows a simple circuit required to
operate the SP8542 and SP8544. Please refer to
the free running mode timing diagram or the
slave mode timing diagram. The conversion is
controlled by the user supplied signals Chip
Select Bar (CS) which selects and deselects the
device, and a system clock (SCLK).
A high level applied to CS asynchronously
clears the internal logic, puts the sample & hold
(CDAC) into sample mode and places the DOUT
(Data Output) pin in a high impedance state.
Conversion is initiated by falling edge on CS in
slave mode at which point the selected input
voltage is held and a conversion is started. A
delay tCS of 90ns is required between the falling
edge of CS and the first rising of SCLK.
The device responds to the shut down signal
asynchronously so that a conversion in progress
will be interrupted and the resulting data will be
erroneous. A 20
µSec delay is required between
the falling edge of shutdown and initiation of
a conversion.
Input Data Format
The SP8542 requires, in addition to the Chip
Select Bar (CS) and System Clock (SCLK)
signals, one multiplexer configuration bit
(MA0). The SP8544 requires, in addition to the
Chip Select Bar (CS) and System Clock (SCLK)
signals, two multiplexer configuration bits (MA1
and MA0). These bits are shifted into the DIN
pin, MSB first, during the first two clocks of the
16 clock conversion cycle and configure the
input multiplexer to select the desired input
channel.


Similar Part No. - SP8542

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
SP85 AMPHENOL-SP85 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
SP85-A-A-202 AMPHENOL-SP85-A-A-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
SP85-A-B-202 AMPHENOL-SP85-A-B-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
SP85-A-D-202 AMPHENOL-SP85-A-D-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
SP85-A-E-202 AMPHENOL-SP85-A-E-202 Datasheet
97Kb / 4P
   Ultra-stable Probe Thermistors
More results

Similar Description - SP8542

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX115-MAX116 MAXIM-MAX115-MAX116 Datasheet
215Kb / 14P
   2x4-Channel, Simultaneous-Sampling 12-Bit ADCs
logo
Linear Technology
LTC1850 LINER-LTC1850 Datasheet
283Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1850 LINER-LTC1850_15 Datasheet
293Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1851 LINER-LTC1851_15 Datasheet
293Kb / 28P
   8-Channel, 10-Bit/12-Bit, 1.25Msps Sampling ADCs
LTC1852 LINER-LTC1852_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1853 LINER-LTC1853_15 Datasheet
245Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
LTC1852 LINER-LTC1852 Datasheet
247Kb / 24P
   8-Channel, 10-Bit/12-Bit, 400ksps, Low Power, Sampling ADCs
logo
Analog Devices
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
ADAU1401 AD-ADAU1401_15 Datasheet
903Kb / 52P
   SigmaDSP 28-/56-Bit Audio Processor with Two ADCs and Four DACs
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com