Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP703CN Datasheet(PDF) 11 Page - Sipex Corporation

Part # SP703CN
Description  Low Power Microprocessor Supervisory with Battery Switch-Over
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP703CN Datasheet(HTML) 11 Page - Sipex Corporation

Back Button SP703CN Datasheet HTML 7Page - Sipex Corporation SP703CN Datasheet HTML 8Page - Sipex Corporation SP703CN Datasheet HTML 9Page - Sipex Corporation SP703CN Datasheet HTML 10Page - Sipex Corporation SP703CN Datasheet HTML 11Page - Sipex Corporation SP703CN Datasheet HTML 12Page - Sipex Corporation SP703CN Datasheet HTML 13Page - Sipex Corporation SP703CN Datasheet HTML 14Page - Sipex Corporation SP703CN Datasheet HTML 15Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
SP703/704DS/07
SP703/704 Low Power Microprocessor Supervisory
© Copyright 2000 Sipex Corporation
11
L
A
N
G
I
SS
U
T
A
T
S
V
C
C
V
m
o
r
f
d
e
t
c
e
n
n
o
c
s
i
D
T
U
O
V
T
U
O
V
o
t
d
e
t
c
e
n
n
o
C
T
T
A
B
h
g
u
o
r
h
t
8
l
a
n
r
e
t
n
i
n
a
h
c
t
i
w
s
S
O
M
P
V
T
T
A
B
V
o
t
d
e
t
c
e
n
n
o
C
T
U
O
t
n
e
r
r
u
C
.
s
i
y
r
e
t
t
a
b
e
h
t
m
o
r
f
n
w
a
r
d
6
.
0
n
a
h
t
s
s
e
l
µ
s
a
g
n
o
l
s
a
,
A
V
C
C
V
<
T
T
A
B
.
V
1
-
I
F
P
s
i
r
o
t
a
r
a
p
m
o
c
li
a
f
-
r
e
w
o
P
.
d
e
l
b
a
s
i
d
O
F
Pw
o
l
c
i
g
o
L
T
E
S
E
Rw
o
l
c
i
g
o
L
R
Md
e
l
b
a
s
i
d
s
i
t
e
s
e
R
l
a
u
n
a
M
Using a High Capacity Capacitor
as a Backup Power Source
VBATT has the same operating voltage range as
VCC, and the battery-switchover threshold volt-
ages are typically +20mV centered at VBATT,
allowing use of a capacitor and a simple charg-
ing circuit as a backup source (see Figure 12).
If VCC is above the reset threshold and VBATT
is 0.5V above VCC, current flows to V
OUT and
VCC from VBATT until the voltage at VBATT is
less than 0.5V above VCC.
Leakage current through the capacitor charging
diode and the SP703/704 internal power
diode eventually discharges the capacitor to
VCC. Also, if VCC and VBATT start from 0.5V
above the reset threshold and power is lost
at VCC, the capacitor on VBATT discharges
through VCC until VBATT reaches the reset
threshold; the SP703/704 then switches to
battery-backup mode.
Figure 11. Allowable BACKUP-BATTERY Voltages
Figure 10. Input and Output Status in Battery-Backup Mode.
To enter the Battery-Backup mode, V
CC must be less than the
Reset threshold and less than V
BATT.
Figure 12. Backup Power Source Using High Capacity
Capacitor with SP703 and a +5V
±5% Supply
Figure 13. Backup Power Source Using High Capacity
Capacitor with SP704 and a +5V
±10% Supply
T
R
A
P
R
E
B
M
U
N
M
U
M
I
X
A
M
Y
R
E
T
T
A
B
-
P
U
K
C
A
B
]
V
[
E
G
A
T
L
O
V
3
0
7
P
S0
8
.
4
4
0
7
P
S5
5
.
4
VCC
+5V
GND
VBATT
VOUT
RESET
CONNECT TO
STATIC RAM
TO
µP
0.1F
CONNECT
SP703
VCC
+5V
GND
VBATT
VOUT
RESET
CONNECT TO
STATIC RAM
TO
µP
100K
0.1F
CONNECT
SP704


Similar Part No. - SP703CN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP703CN SIPEX-SP703CN Datasheet
216Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
More results

Similar Description - SP703CN

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP703 SIPEX-SP703 Datasheet
216Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A Datasheet
196Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791CN-L SIPEX-SP791CN-L Datasheet
219Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP791 SIPEX-SP791 Datasheet
202Kb / 19P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A Datasheet
631Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP691A SIPEX-SP691A_05 Datasheet
242Kb / 24P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690A SIPEX-SP690A_04 Datasheet
411Kb / 16P
   Low Power Microprocessor Supervisory with Battery Switch-Over
SP690T SIPEX-SP690T Datasheet
233Kb / 20P
   3.0V/3.3V Low Power Microprocessor Supervisory with Battery Switch-Over
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com