Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1N5926B Datasheet(PDF) 1 Page - Frontier Electronics.

Part No. 1N5926B
Description  1.5 WATT SILICON ZENER DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1N5926B Datasheet(HTML) 1 Page - Frontier Electronics.

  1N5926B Datasheet HTML 1Page - Frontier Electronics. 1N5926B Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N5921B THRU 1N5956B
Page: 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
1.5 WATT SILICON ZENER DIODE
1N5921B THRU 1N5956B
FEATURES
PLASTIC PACKAGE HAS UNDERWRITERS LABORATORY
FLAMMABILITY CLASSIFICATION 94V-0
LOW ZENER IMPEDANCE
EXCELLENT CLAMPING CAPABILITY
MECHANICAL DATA
CASE: MOLDED PLASTIC, DO41, DIMENSIONS
IN INCHES AND (MILLIMETERS)
TERMINALS: AXIAL LEADS SOLDERABLE PER
MIL-STD-202, METHOD 208
POLARITY: COLOR BAND DENOTES CATHODE
MOUNTING POSITION: ANY
WEIGHT: 0.34 GRAM
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS RATINGS AT 25
°C AMBIENT TEMPERATURE UNLESS OTHERWISE
SPECIFIED STORAGE AND OPERATING TEMPERATURE RANGE -55 TO + 150
°C
ELECTRICAL CHARACTERISTICS (TL=30°C UNLESS OTHERWISE NOTED VF=1.5V MAX, @IF = 200mA DC FOR ALL TYPES)
MAXIMUM ZENER IMPEDANCE
MAX. REVERSE
LEAKAGE CURRENT
JEDEC
TYPE
NOMINAL
ZENER VOLTS
VZ@IZT
VOLTS
TEST
CURRENT
IZT
mA
ZZT @ IZT
Ohms
ZZK @
IZK
Ohms
mA
IR
@
VR
μA
VOLTS
MAXIMUM DC
ZENER
CURRENT
IZM
mA DC
1N5921B
1N5922B
1N5923B
1N5924B
1N5925B
1N5926B
1N5927B
1N5928B
1N5929B
1N5930B
1N5931B
1N5932B
1N5933B
1N5934B
1N5935B
1N5936B
1N5937B
1N5938B
1N5939B
1N5940B
1N5941B
1N5942B
1N5943B
1N5944B
1N5945B
1N5946B
1N5947B
1N5948B
1N5949B
1N5950B
1N5951B
1N5952B
1N5953B
1N5954B
1N5955B
1N5956B
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
82
91
100
110
120
130
150
160
180
200
55.1
50.0
45.7
41.2
37.5
34.1
31.2
28.8
25.0
23.4
20.8
18.7
17.0
15.6
13.9
12.5
11.4
10.4
9.6
8.7
8.0
7.3
6.7
6.0
5.5
5.0
4.6
4.1
3.7
3.4
3.1
2.9
2.5
2.3
2.1
1.9
2.5
3
3.5
4
4.5
5.5
6.5
7
9
10
12
14
17.5
19
23
26
33
38
45
53
67
70
86
100
120
140
160
200
250
300
380
450
600
700
900
1200
200
400
400
500
500
550
550
550
600
600
650
650
650
700
700
750
800
850
900
950
1000
1100
1300
1500
1700
2000
2500
3000
3100
4000
4500
5000
6000
6500
7000
8000
1
0.
5
0.5
0.5
0.
25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
5.2
6
6.5
7
8
8.4
9.1
9.9
11.4
12.2
13.7
15.2
16.7
18.2
20.6
22.8
25.1
27.4
29.7
32.7
35.8
38.8
42.6
47.1
51.7
56
62.2
69.2
76
83.6
91.2
98.8
114
121.6
136.8
152
220
200
182
164
150
136
125
115
100
93
83
75
68
62
55
50
45
41
38
34
31
29
26
24
22
20
18
16
15
13
12
11
10
9
8
7
NOTE
︰SUFFIX〝B〞FOR ±5%
.205(5.2)
.166(4.2)
1.0(25.4)
MIN
.034(0.9)
.028(0.7)
1.0(25.4)
MIN
.107(2.7)
.080(2.0)


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn