Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

051-124-977991A Datasheet(PDF) 3 Page - ITT Industries

Part # 051-124-977991A
Description  Cannon 75 Ohm Connectors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

051-124-977991A Datasheet(HTML) 3 Page - ITT Industries

  051-124-977991A Datasheet HTML 1Page - ITT Industries 051-124-977991A Datasheet HTML 2Page - ITT Industries 051-124-977991A Datasheet HTML 3Page - ITT Industries 051-124-977991A Datasheet HTML 4Page - ITT Industries 051-124-977991A Datasheet HTML 5Page - ITT Industries 051-124-977991A Datasheet HTML 6Page - ITT Industries 051-124-977991A Datasheet HTML 7Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Cannon 75 Ohm Connectors
Type 43 (SMZ)
7
www.ittcannon.com
Dimensions shown in mm (inch)
Specifications and dimensions subject to change
Contact Customer Service for other cable types
Part Number
Cable Type
Industry Reference
051-127-9739A9A
BT2001
P43/1GTIS
051-127-9749A9A
BT2002
P43/2GTIS
051-127-9759A9A
BT2003
P43/3GTIS
051-127-9769A9A
BT3002 / TZC75024
P43/5GTIS
051-127-9479A9A
RA7000
P43/7GTIS
051-127-9779A9A
RG179B/U
P43/4GTIS
DDF Crimp Plug
Part Number
Cable Type
Industry Reference
W51-127-9439A9A
BT2003
BT43/3GTIQT
W51-127-9459A9A
BT3002 / TZC75024
BT43/5GTIQT
W51-127-9479A9A
RA7000
W51-127-9059A9A
RA8000
W51-127-9289A9A
NCX
W51-127-9049A9A
735A
W51-127-9369A9A
ST212 / CT1320/735A (alt)
W51-127-9789A9A
RG59B
W51-127-9039A9A
2.5C-2V
W51-127-9119A9A
0.25/1.3 (mini coax)
DDF QT Plug
Part Number
Cable Type
Industry Reference
W51-124-953991A
BT2003
S43/3FQT
W51-124-963991A
BT3002/TZC75024
S43/5FQT
W51-124-960991A
RA7000
S43/7FQT
W51-124-947991A
RA8000
S43/8FQT
W51-124-996991A
735A
W51-124-944991A
NCX
W51-124-943991A
ST212 / CT1320/735A (alt)
W51-124-966991A
RG59U
W51-124-950991A
2.5C-2V
W51-124-999991A
0.25/1.3 (mini coax)
Part Number
Cable Type
Industry Reference
051-124-977991A
BT2002
S43/2FS
051-124-978991A
BT2003
S43/3FS
051-124-979991A
BT3002 / TZC75024
S43/5FS
051-124-983991A
RG179B/U
S43/4FS
051-124-950991A
2.5C-2V
051-124-943991A
ST212/CT1320/735A
Posilock Straight Crimp Socket
Posilock Straight QT Socket
33,02
(1.300)
~33.02
(1.300)
30,40
1.197
[
]
~30.40
(1.197)
ø
(0.398)
10.10
Assembly Instructions: BBAI 1265
Assembly Instructions: BBAI 1238
Assembly Instructions: BBAI 1265
Assembly Instructions: BBAI 1238


Similar Part No. - 051-124-977991A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
051-124-9309 ITT-051-124-9309 Datasheet
489Kb / 42P
   RF Coaxial Connectors
More results

Similar Description - 051-124-977991A

ManufacturerPart #DatasheetDescription
logo
ITT Industries
050-622-9188890 ITT-050-622-9188890 Datasheet
84Kb / 7P
   Cannon 50 Ohm Connectors
logo
Molex Electronics Ltd.
73171 MOLEX2-73171 Datasheet
423Kb / 2P
   BNC 75 Ohm Connectors
logo
Tyco Electronics
5414459-1 MACOM-5414459-1 Datasheet
960Kb / 34P
   BNC Connectors (50 ohm/75 ohm)
logo
ITT Industries
ZDE9P ITT-ZDE9P Datasheet
233Kb / 5P
   Cannon ZD Connectors
ZDE9P1AKN-146 ITT-ZDE9P1AKN-146 Datasheet
233Kb / 5P
   Cannon ZD Connectors
logo
Tyco Electronics
1274572-1 MACOM-1274572-1 Datasheet
275Kb / 4P
   Mini BNC Connectors, 75 Ohm
logo
ITT Industries
025-0767-001 ITT-025-0767-001 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
DPXB-57-34P-0101 ITT-DPXB-57-34P-0101 Datasheet
2Mb / 120P
   Cannon Rack & Panel Connectors
D38999 ITT-D38999 Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
D38999-26WJ4PN ITT-D38999-26WJ4PN Datasheet
2Mb / 36P
   Cannon MIL-DTL-38999 Connectors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com