Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAK-TC1766-192F80HL Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # SAK-TC1766-192F80HL
Description  SK-TC176x Family Starter Kit
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAK-TC1766-192F80HL Datasheet(HTML) 1 Page - Infineon Technologies AG

  SAK-TC1766-192F80HL Datasheet HTML 1Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Home > Microcontrollers > Development Tools, Software and Training > TriCore® Development Tools and Software >
StarterKits and Evaluation Boards > SK-TC176x Family Starter Kit
SK-TC176x Family Starter Kit
MCU Derivates:
SAK-TC1766-192F80HL
SAK-TC1764-128F80HL
SAK-TC1762-128F80HL
SAK-TC1762-128F66HL
(The Family Starter Kit is equipped with the SAK-TC1766-192F80HL as superset for the TC176x family)
CPU Clock: 80 MHz
On-Chip Memory:
- 1.5 MByte embedded program flash with ECC,
- 32 KByte data flash for scalable EEPROM emulation,
- 76 KByte on-chip SRAM,
- 8 KByte instruction cache.
Interfaces:
- DB9 for RS232-0,
- BERG10 for RS232-1,
- two BERG10 for CAN-0/1 with Transceiver,
- BERG16 for OCDS1,
- SAMTEC QSH-030-01-F-D-A for OCDS2,
- DB25 On Board Wiggler for OCDS1,
- four 80-pin connectors (male) with all I/O signals,
- four 80-pin connectors (female) with all I/O signals.
Includings:
- Technical Documentation: e.g. User manuals (System Unit and Peripheral unit), Architecture manual (pdf-version),
- Evaluation Versions of Development Tools: e.g. Compiler, Debugger, Operating System from Tool Partners,
- parallel cable,
- Extension Board,
- Starter Kit Manual, last Version 1.0.
Order Nr.: B158-H8539-G2-X-7600
Price*: 400,- EUR
How to order?
or please contact your local distributor: http://www.infineon.com/distribution.
* recommended retail price.


Similar Part No. - SAK-TC1766-192F80HL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAK-TC1767-256F133HL INFINEON-SAK-TC1767-256F133HL Datasheet
832Kb / 126P
   32-Bit Single-Chip Microcontroller
V1.3 2009-09
SAK-TC1767-256F80HL INFINEON-SAK-TC1767-256F80HL Datasheet
832Kb / 126P
   32-Bit Single-Chip Microcontroller
V1.3 2009-09
More results

Similar Description - SAK-TC1766-192F80HL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
B158-H8537-G2-X-7600 INFINEON-B158-H8537-G2-X-7600 Datasheet
22Kb / 1P
   SK-TC179x Starter Kit
Version 3.1.
B158-H8548-X-0-7600 INFINEON-B158-H8548-X-0-7600 Datasheet
79Kb / 1P
   SK-XC866 Starter Kit
B158-H8048-X-X-7600 INFINEON-B158-H8048-X-X-7600 Datasheet
45Kb / 1P
   SK-XC161 Starter Kit
B158-H8743-X-X-7600 INFINEON-B158-H8743-X-X-7600 Datasheet
19Kb / 1P
   SK-XC886/888CLM Starter Kit
B158-H8690-X-0-7600 INFINEON-B158-H8690-X-0-7600 Datasheet
28Kb / 1P
   SK TC116x-Series Starter Kit
logo
ATMEL Corporation
ATSTK94 ATMEL-ATSTK94 Datasheet
633Kb / 24P
   Starter Kit
logo
EnOcean GmbH.
EISKA ENOCEAN-EISKA Datasheet
129Kb / 1P
   Starter Kit
February 2022
logo
Infineon Technologies A...
B158-H8576-X-0-7600 INFINEON-B158-H8576-X-0-7600 Datasheet
35Kb / 1P
   SK-XC866 Easy Kit
logo
Microchip Technology
PIC32MZ MICROCHIP-PIC32MZ Datasheet
829Kb / 30P
   PIC32MZ Embedded Connectivity with Floating Point Unit Family Starter Kit
07/14/15
logo
Texas Instruments
SLAS191A TI1-SLAS191A Datasheet
493Kb / 86P
[Old version datasheet]   Starter Kit Evaluation Kit Manual
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com