Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP4424 Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP4424
Description  Electroluminescent Lamp Driver Dual Oscillators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4424 Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP4424 Datasheet HTML 3Page - Sipex Corporation SP4424 Datasheet HTML 4Page - Sipex Corporation SP4424 Datasheet HTML 5Page - Sipex Corporation SP4424 Datasheet HTML 6Page - Sipex Corporation SP4424 Datasheet HTML 7Page - Sipex Corporation SP4424 Datasheet HTML 8Page - Sipex Corporation SP4424 Datasheet HTML 9Page - Sipex Corporation SP4424 Datasheet HTML 10Page - Sipex Corporation SP4424 Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SP4424DS/16
SP4424 Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
7
The following performance curves are intended to give the designer a relative scale from which to optimize
specific applications. Absolute measurements may vary depending upon the brand of components chosen.
20.0
15.0
10.0
5.0
0.0
Coil Osc Cap (pF)
50
68
75
100
122
240
230
220
210
200
190
180
Coil Frequency (KHz)
16.0
13.6
11.7
9.4
7.4
6
5
4
3
2
1
0
Coil Cap (pF)
50
68
75
100
122
30
25
20
15
10
5
0
Coil Osc Cap (pF)
50
68
75
100
122
16
14
12
10
8
6
4
2
0
Lamp Size (Sq. in)
1
1.5
2
2.3
3
600
500
400
300
200
100
0
Lamp Osc Cap (pF)
580
680
820
1000
1400
3.4
1800
240
230
220
210
200
190
180
Lamp Osc Cap (nF)
580
680
820
1000
1400
250
200
150
100
50
0
Lamp Size (sq. in)
1
1.5
2
2.3
3
1800
3.4
Coil Frequency vs. Coil Osc Cap Value
Coil Frequency vs. E
OUT PP
Coil Cap vs. Light Output
I
TOTAL vs. Coil Osc Cap
Lamp Size vs. Light Output
Lamp Frequency vs. Lamp Osc Cap Value
Lamp Osc Cap vs. E
OUT PP
Lamp Size vs. E
OUT PP


Similar Part No. - SP4424

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4422 SIPEX-SP4422 Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4422ACN SIPEX-SP4422ACN Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4422ACU SIPEX-SP4422ACU Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4422ACX SIPEX-SP4422ACX Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
More results

Similar Description - SP4424

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4427 SIPEX-SP4427 Datasheet
116Kb / 9P
   Electroluminescent Lamp Driver Dual Oscillators with High Drive Capability
logo
Maxim Integrated Produc...
MAX14514 MAXIM-MAX14514 Datasheet
215Kb / 14P
   Dual Electroluminescent Lamp Driver
19-4466; Rev 0; 2/09
logo
Sipex Corporation
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
   Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
   Electroluminescent Lamp Driver
D365A ETC1-D365A Datasheet
299Kb / 12P
   Electroluminescent Lamp Driver IC
D372A ETC1-D372A Datasheet
446Kb / 12P
   Electroluminescent Lamp Driver IC
D340B ETC1-D340B Datasheet
364Kb / 9P
   Electroluminescent Lamp Driver IC
logo
ON Semiconductor
MC33441 ONSEMI-MC33441_06 Datasheet
275Kb / 9P
   Electroluminescent Lamp Driver IC
July, 2006 ??Rev. 3
logo
List of Unclassifed Man...
D355B ETC1-D355B Datasheet
534Kb / 14P
   Electroluminescent Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com