Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP4405 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP4405
Description  Low Voltage Electroluminescent Lamp Driver with Regulated Output Voltage
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP4405 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP4405 Datasheet HTML 5Page - Sipex Corporation SP4405 Datasheet HTML 6Page - Sipex Corporation SP4405 Datasheet HTML 7Page - Sipex Corporation SP4405 Datasheet HTML 8Page - Sipex Corporation SP4405 Datasheet HTML 9Page - Sipex Corporation SP4405 Datasheet HTML 10Page - Sipex Corporation SP4405 Datasheet HTML 11Page - Sipex Corporation SP4405 Datasheet HTML 12Page - Sipex Corporation SP4405 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SP4405DS/18
SP4405 Low Voltage Electroluminescent Lamp Driver
© Copyright 2000 Sipex Corporation
9
The following performance curves are intended to give the designer a relative scale from which to optimize
specific applications. Absolute measurements may vary depending upon the brand of components chosen.
Figure 7. Lamp Frequency vs R
OSC
Figure 8. Oscillator Frequency vs R
OSC
700
600
500
400
300
200
100
0
Resistor / k
200
300
400
450
500
600
700
800
900
1.0K
1.1K
1.2K
0
50
100
150
200
250
100
200
300
400
500
600
700
800
900
1000
Oscillator Resistor


Similar Part No. - SP4405

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SP4400 SAMHOP-SP4400 Datasheet
132Kb / 11P
   Dual N-Channel Enhancement Mode Field Effect Transistor
SP4401 SAMHOP-SP4401 Datasheet
129Kb / 8P
   Super high dense cell design for low RDS(ON).
logo
Sipex Corporation
SP4403 SIPEX-SP4403 Datasheet
131Kb / 14P
   Low Voltage Electroluminescent Lamp Driver
SP4403EU SIPEX-SP4403EU Datasheet
131Kb / 14P
   Low Voltage Electroluminescent Lamp Driver
SP4403UEB SIPEX-SP4403UEB Datasheet
131Kb / 14P
   Low Voltage Electroluminescent Lamp Driver
More results

Similar Description - SP4405

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP4403 SIPEX-SP4403 Datasheet
131Kb / 14P
   Low Voltage Electroluminescent Lamp Driver
SP4425 SIPEX-SP4425 Datasheet
176Kb / 14P
   Electroluminescent Lamp Driver Low Voltage Applications
SP4426 SIPEX-SP4426 Datasheet
124Kb / 11P
   Electroluminescent Lamp Driver with High Output Drivers
SP4414 SIPEX-SP4414 Datasheet
137Kb / 14P
   Low Cost Electroluminescent Lamp Driver
logo
Maxim Integrated Produc...
MAX4990E MAXIM-MAX4990E Datasheet
221Kb / 15P
   High-Voltage, 짹15kV ESD-Protected Electroluminescent Lamp Driver
Rev 0; 8/07
logo
Sipex Corporation
SP4422A SIPEX-SP4422A Datasheet
136Kb / 13P
   Electroluminescent Lamp Driver
logo
Maxim Integrated Produc...
MAX4990 MAXIM-MAX4990 Datasheet
200Kb / 16P
   High-Voltage, 짹15kV ESD-Protected Electroluminescent Lamp Driver
19-0886; Rev 1; 11/07
logo
Sipex Corporation
SP4428 SIPEX-SP4428 Datasheet
107Kb / 11P
   Electroluminescent Lamp Driver High Drive Capability for Low Voltage Applications
SP4412A SIPEX-SP4412A Datasheet
119Kb / 10P
   Electroluminescent Lamp Driver
logo
List of Unclassifed Man...
ZSP4422A ETC1-ZSP4422A Datasheet
145Kb / 8P
   Electroluminescent Lamp Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com