Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCM69F735 Datasheet(PDF) 12 Page - Motorola, Inc

Part # MCM69F735
Description  128K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MCM69F735 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button MCM69F735 Datasheet HTML 8Page - Motorola, Inc MCM69F735 Datasheet HTML 9Page - Motorola, Inc MCM69F735 Datasheet HTML 10Page - Motorola, Inc MCM69F735 Datasheet HTML 11Page - Motorola, Inc MCM69F735 Datasheet HTML 12Page - Motorola, Inc MCM69F735 Datasheet HTML 13Page - Motorola, Inc MCM69F735 Datasheet HTML 14Page - Motorola, Inc MCM69F735 Datasheet HTML 15Page - Motorola, Inc MCM69F735 Datasheet HTML 16Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
MCM69F735
12
MOTOROLA FAST SRAM
APPLICATION INFORMATION
STOP CLOCK OPERATION
In the stop clock mode of operation, the SRAM will hold all
state and data values even though the clock is not running
(full static operation). The SRAM design allows the clock to
start with ADSP and ADSC, and stops the clock after the last
write data is latched, or the last read data is driven out.
When starting and stopping the clock, the AC clock timing
and parametrics must be strictly maintained. For example,
clock pulse width and edge rates must be guaranteed when
starting and stopping the clocks.
To achieve the lowest power operation for all three stop
clock modes, stop read, stop write, and stop deselect:
1. Force the clock to a low state.
2. Force the control signals to an inactive state (this guar-
antees any potential source of noise on the clock input
will not start an unplanned on activity).
3. Force the address inputs to a low state (VIL), preferably
< 0.2 V.
K
ADSP
ADDRESS
ADV
A1
A2
Q(A2)
Q(A2+1)
Q(A1)
ADSP
(INITIATES
BURST READ)
CLOCK STOP
(CONTINUE
BURST READ)
WAKE UP ADSP
(INITIATES BURST READ)
DQx
NOTE: For lowest possible power consumption during stop clock, the addresses should be driven to a low state (VIL).
Best results are obtained if VIL < 0.2 V.
STOP CLOCK WITH READ TIMING


Similar Part No. - MCM69F735

ManufacturerPart #DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
More results

Similar Description - MCM69F735

ManufacturerPart #DatasheetDescription
Motorola, Inc
Motorola, Inc
MCM69F737 MOTOROLA-MCM69F737 Datasheet
283Kb / 20P
   128K x 36 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM63F733A MOTOROLA-MCM63F733A Datasheet
234Kb / 16P
   128K x 32 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM69F536C MOTOROLA-MCM69F536C Datasheet
209Kb / 12P
   32K x 36 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
MCM63F737K MOTOROLA-MCM63F737K Datasheet
400Kb / 20P
   128K x 36 and 256K x 18 Bit Flow?밫hrough BurstRAM Synchronous Fast Static RAM
MCM69P735 MOTOROLA-MCM69P735 Datasheet
183Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P736 MOTOROLA-MCM69P736 Datasheet
180Kb / 16P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69P737 MOTOROLA-MCM69P737 Datasheet
279Kb / 20P
   128K x 36 Bit Pipelined BurstRAM Synchronous Fast Static RAM
MCM69L735 MOTOROLA-MCM69L735 Datasheet
182Kb / 16P
   128K x 36 Bit Data Latch BurstRAM Synchronous Fast Static RAM
Integrated Silicon Solution, Inc
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
Motorola, Inc
Motorola, Inc
MCM69F817 MOTOROLA-MCM69F817 Datasheet
175Kb / 16P
   256K x 18 Bit Flow-Through BurstRAM Synchronous Fast Static RAM
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com