Electronic Components Datasheet Search |
|
C-080080-10-9 Datasheet(PDF) 39 Page - Tyco Electronics |
|
C-080080-10-9 Datasheet(HTML) 39 Page - Tyco Electronics |
39 / 48 page 124 Catalog 1654227 Dimensions not italicized are Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-3611-1514 Revised 04-07 in millimeters while dimensions reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 in inches are italicized. Specifications subject Mexico: 01-800-733-8926 Japan: 81-44-844-8013 www.tycoelectronics.com to change. C. America: 52-55-5-729-0425 UK: 44-141-810-8967 C Vinyl cloth labels Dot Matrix Tyco Electronics C labels are dot matrix printable vinyl coated cloth material with a permanent acrylic adhesive that is designed for application to irregular surfaces where conformability is required. It is ideal for permanent wire marking, or it can be flagged onto wires for temporary marking. C labels are also ideal for electronic component identification and other general purpose labeling applications. For reliable print performance and durability, use with Tyco Electronics’s 1892BK01 ribbon. Features and benefits I Flexible, easily conforms to curved surfaces I Dot matrix printable I Several die-cut sizes available I Excellent abrasion resistance I Resistant to oil, water and several common fluids Specifications/Approvals Tyco Electronics TTDS-053 Adhesive Permanent acrylic Service temperature –29°C to +80°C –20°F to +176°F Recommended printer AM6310 Recommended ribbon 1892BK01 C-064064 -10-9 Part numbering system Color Pack size Label height (mm) Label width (mm) Product family |
Similar Part No. - C-080080-10-9 |
|
Similar Description - C-080080-10-9 |