Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F81485S Datasheet(PDF) 11 Page - Feature Integration Technology Inc.

Part # F81485S
Description  5V Low Power RS-485 Interface Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F81485S Datasheet(HTML) 11 Page - Feature Integration Technology Inc.

Back Button F81485S Datasheet HTML 4Page - Feature Integration Technology Inc. F81485S Datasheet HTML 5Page - Feature Integration Technology Inc. F81485S Datasheet HTML 6Page - Feature Integration Technology Inc. F81485S Datasheet HTML 7Page - Feature Integration Technology Inc. F81485S Datasheet HTML 8Page - Feature Integration Technology Inc. F81485S Datasheet HTML 9Page - Feature Integration Technology Inc. F81485S Datasheet HTML 10Page - Feature Integration Technology Inc. F81485S Datasheet HTML 11Page - Feature Integration Technology Inc. F81485S Datasheet HTML 12Page - Feature Integration Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
F81485
Jan, 2012
V0.11P
11
8
Package Spec.
8-SOP Package


Similar Part No. - F81485S

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
F81438G FINTEK-F81438G Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
More results

Similar Description - F81485S

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1485 NSC-LMS1485 Datasheet
224Kb / 10P
   5V Low Power RS-485 Differential Bus Transceiver
LMS1487 NSC-LMS1487 Datasheet
249Kb / 13P
   5V Low Power RS-485 / RS-422 Differential Bus Transceiver
logo
Intersil Corporation
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
ISL81485 INTERSIL-ISL81485 Datasheet
371Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485 RENESAS-ISL81485 Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3082E TI-SN65HVD3082E_08 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com