Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F81485 Datasheet(PDF) 2 Page - Feature Integration Technology Inc.

Part # F81485
Description  5V Low Power RS-485 Interface Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F81485 Datasheet(HTML) 2 Page - Feature Integration Technology Inc.

  F81485 Datasheet HTML 1Page - Feature Integration Technology Inc. F81485 Datasheet HTML 2Page - Feature Integration Technology Inc. F81485 Datasheet HTML 3Page - Feature Integration Technology Inc. F81485 Datasheet HTML 4Page - Feature Integration Technology Inc. F81485 Datasheet HTML 5Page - Feature Integration Technology Inc. F81485 Datasheet HTML 6Page - Feature Integration Technology Inc. F81485 Datasheet HTML 7Page - Feature Integration Technology Inc. F81485 Datasheet HTML 8Page - Feature Integration Technology Inc. F81485 Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
F81485
Jan, 2012
V0.11P
F81485 Datasheet Revision History
Version
Date
Page
Revision History
V0.10P
2011/12
-
Preliminary
V0.12P
2012/01
-
Made Clarification and Correction
Update Top Marking Specification
Update Differential Input Threshold Spec.
Please note that all data and specifications are subject to change without notice. All the trade marks of products
and companies mentioned in this data sheet belong to their respective owners.
LIFE SUPPORT APPLICATIONS
These products are not designed for use in life support appliances, devices, or systems where malfunction of
these products can reasonably be expected to result in personal injury. Customers using or selling these products
for use in such applications do so at their own risk and agree to fully indemnify Fintek for any damages resulting
from such improper use or sales.


Similar Part No. - F81485

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F81438 FINTEK-F81438 Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
F81438G FINTEK-F81438G Datasheet
263Kb / 20P
   Single 5V RS232/RS422/RS485 Multiprotocol
More results

Similar Description - F81485

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMS1485 NSC-LMS1485 Datasheet
224Kb / 10P
   5V Low Power RS-485 Differential Bus Transceiver
LMS1487 NSC-LMS1487 Datasheet
249Kb / 13P
   5V Low Power RS-485 / RS-422 Differential Bus Transceiver
logo
Intersil Corporation
ISL81485 INTERSIL-ISL81485_04 Datasheet
377Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
ISL81485 INTERSIL-ISL81485 Datasheet
371Kb / 11P
   5V, 30Mbps, RS-485/RS-422 Transceiver
logo
Renesas Technology Corp
ISL81485 RENESAS-ISL81485 Datasheet
743Kb / 12P
   5V, 30Mbps, RS-485/RS-422 Transceiver
July 2004
logo
Texas Instruments
SN65HVD3082E TI-SN65HVD3082E Datasheet
370Kb / 21P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3082E TI-SN65HVD3082E_08 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
logo
STMicroelectronics
ST485 STMICROELECTRONICS-ST485 Datasheet
545Kb / 19P
   Low power RS-485/RS-422 transceiver
ST485B STMICROELECTRONICS-ST485B Datasheet
730Kb / 19P
   Low power RS-485/RS-422 transceiver
ST75C176 STMICROELECTRONICS-ST75C176_06 Datasheet
260Kb / 18P
   LOW POWER RS-485/RS-422 TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com