Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

F81438 Datasheet(PDF) 4 Page - Feature Integration Technology Inc.

Part No. F81438
Description  Single 5V RS232/RS422/RS485 Multiprotocol
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F81438 Datasheet(HTML) 4 Page - Feature Integration Technology Inc.

  F81438 Datasheet HTML 1Page - Feature Integration Technology Inc. F81438 Datasheet HTML 2Page - Feature Integration Technology Inc. F81438 Datasheet HTML 3Page - Feature Integration Technology Inc. F81438 Datasheet HTML 4Page - Feature Integration Technology Inc. F81438 Datasheet HTML 5Page - Feature Integration Technology Inc. F81438 Datasheet HTML 6Page - Feature Integration Technology Inc. F81438 Datasheet HTML 7Page - Feature Integration Technology Inc. F81438 Datasheet HTML 8Page - Feature Integration Technology Inc. F81438 Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
F81438
Jan, 2012
V0.11P
4
1 General Description
The F81438 is programmable, monolithic multi-protocol transceiver device that contains RS-232
and RS-485 / RS-422 drivers and receivers. The F81438 can be reconfigured into four operating
modes including RS-232 only (3TX/5RX), one RS-485 (1TX/1RX) driver (TX) half duplex mode, one
RS-485 (1TX/1RX) receiver (RX) half duplex mode, and RS-422 (1TX/1RX) full duplex mode which
can be selected whenever you need by changing the logic state of the 2 mode selection pins. The
device can implement a dual-mode serial port, mixed mode ports or as an interface signal translator.
The extra charge pumps deliver true RS-232 driver output voltage from a single power supply at 5V.
A slew rate control pin configures driver outputs for either high data rate or slew-controlled data rates.
Slew-controlled outputs minimize the problems that caused by the reflections and ringing on long or
un-terminated cables.
All RS-485 receivers or transceivers feature high impedance which allow up to 256 transceivers
on a shared bus. When configured in RS-485/RS-422 mode, each driver may be individually enabled
or put into tri-state, simplifying use on shared buses or bidirectional communication. All receivers
have advanced failsafe protection to prevent oscillation when inputs are un - connected. In RS-232
mode each receiver input has a 5kpull-down to ground. Differential Receivers will default to output
logic 1 if inputs are floating, shorted or open but terminated. All driver outputs and receiver inputs are
protected against ESD strikes up to ±15,000 volts (IEC 61000-4-2 Air Gap).
2 Feature List
5V Single Supply Operation
Robust ±15kV ESD Protection (IEC 61000-4-2 Air Gap)
Mixed RS-232 / RS-485 Modes
Adjustable Slew Rate for Minimize EMI Error
RS-485 Advance Failsafe on Open, Short or Terminated Lines
28 Pin TSSOP Packaging
Flexible 4 Operation Modes Selected by 2 Configuration Pins
One set of 3T5R RS-232 V.28 Drivers & Receivers
One Set of RS-485 Drivers (Half Duplex Configuration)
One Set of RS-485 Receivers (Half Duplex Configuration)
One set of RS-422 Driver & Receiver (Full Duplex Configuration)


Similar Part No. - F81438

ManufacturerPart No.DatasheetDescription
Feature Integration Technology Inc.
Feature Integration Tec...
F81485 FINTEK-F81485 Datasheet
155Kb / 12P
   5V Low Power RS-485 Interface Transceiver
F81485S FINTEK-F81485S Datasheet
155Kb / 12P
   5V Low Power RS-485 Interface Transceiver
More results

Similar Description - F81438

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
Linear Dimensions Semiconductor
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
Linear Technology
Linear Technology
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
   Single 5V RS232/RS422/AppleTalk DCE Transceiver
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
Analog Devices
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz