Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

F81438 Datasheet(PDF) 11 Page - Feature Integration Technology Inc.

Part No. F81438
Description  Single 5V RS232/RS422/RS485 Multiprotocol
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F81438 Datasheet(HTML) 11 Page - Feature Integration Technology Inc.

Back Button F81438 Datasheet HTML 7Page - Feature Integration Technology Inc. F81438 Datasheet HTML 8Page - Feature Integration Technology Inc. F81438 Datasheet HTML 9Page - Feature Integration Technology Inc. F81438 Datasheet HTML 10Page - Feature Integration Technology Inc. F81438 Datasheet HTML 11Page - Feature Integration Technology Inc. F81438 Datasheet HTML 12Page - Feature Integration Technology Inc. F81438 Datasheet HTML 13Page - Feature Integration Technology Inc. F81438 Datasheet HTML 14Page - Feature Integration Technology Inc. F81438 Datasheet HTML 15Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
F81438
Jan, 2012
V0.11P
11
6 Electrical Characteristics Request
6.1
Absolute Maximum Ratings
PARAMETER
RATING
UNIT
Power Supply Voltage
+6.0
V
Receiver Input Voltage (DC input Voltage)
-13.2 to +13.2
V
Input Voltage at TTL input Pins
-0.3 to Vcc +0.5
V
Driver Output Voltage (from Ground)
-7.5 to +12.5
V
Short Cirecuit Duration, TXOUT to GND
Continous
-
Storage Tempreature
-65 to +150
° C
Lead Temperature (soldering, 10s)
+300
° C
Note: Exposure to conditions beyond those listed under Absolute Maximum Ratings may adversely affect the life and
reliability of the device
6.2
DC Characteristics
(T
A = 0° C to 70° C, VDD = +5.0V ± 5% )
Parameter
Conditions
MIN
TYP
MAX
Unit
Supply Current (RS-232)
No Load, MODE = 01.
2
30
mA
Supply Current (RS-485)
No Load, MODE = 10, 11.
2
mA
Supply Current (RS-422)
MODE = 00.
2
mA
(TA = 0° C to 70° C, VDD = +5.0V ± 5%)
PARAMETER
SYM.
MIN.
TYP.
MAX.
UNIT
CONDITIONS
Transmitter and Logic Input Pins (MODE, SLEW) 1, 2, 23, 24, 25, 27, 28
Logic Input Voltage HIGH
VIL
2.4
V
VDD = 5.0 V
Logic Input Voltage LOW
-
0.8
V
Logic Input Pull-up Current
-
±15
μA
TX_IN Pull High Current
IIT
±15
μA
Logic Input Hysteresis
-
0.5
V
RS-232 and RS-485 / 422 Receiver Outputs RX_OUT: Pin 19, 20, 21, 22, 26
Receiver Output Voltage HIGH
VOH
Vcc-
0.6
V
IOUT = -1.5mA.
Receiver Output Voltage LOW
VOL
0.4
V
IOUT = 2.5mA.
Receiver Output Short-Circuit
Current
IOS
±20
±60
mA
0 < Vo < Vcc.
Receiver Output Leakage Current
-
±0.05
±1
μA
Receivers Disabled.
RS-232 Single-End Receiver Input (RX_IN, pin 3, 4, 6, 15, 16)
Input Voltage Range
-
-13.2
+13.2
V
Input Threshold Low
VIL
0.8
1.5
V
VCC = 5.0V.
Input Threshold HIGH
VIH
1.8
2.4
V
VCC = 5.0V.
Input Hysteresis
-
0.5
V
Input Resistance
-
3
5
7
KΩ
RS-485 / RS-422 Differential Receiver Inputs (RX_IN, pin 3, 4)
Receiver Differential Threshold
Voltage
-
-250
-200
mV
VB = 0V.
Receiver Input Hysteresis
-
30
mV
VCM = 0V.


Similar Part No. - F81438

ManufacturerPart No.DatasheetDescription
Feature Integration Technology Inc.
Feature Integration Tec...
F81485 FINTEK-F81485 Datasheet
155Kb / 12P
   5V Low Power RS-485 Interface Transceiver
F81485S FINTEK-F81485S Datasheet
155Kb / 12P
   5V Low Power RS-485 Interface Transceiver
More results

Similar Description - F81438

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
Linear Dimensions Semiconductor
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
Linear Technology
Linear Technology
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
   Single 5V RS232/RS422/AppleTalk DCE Transceiver
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
Analog Devices
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz