Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

F81438 Datasheet(PDF) 10 Page - Feature Integration Technology Inc.

Part No. F81438
Description  Single 5V RS232/RS422/RS485 Multiprotocol
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F81438 Datasheet(HTML) 10 Page - Feature Integration Technology Inc.

Back Button F81438 Datasheet HTML 6Page - Feature Integration Technology Inc. F81438 Datasheet HTML 7Page - Feature Integration Technology Inc. F81438 Datasheet HTML 8Page - Feature Integration Technology Inc. F81438 Datasheet HTML 9Page - Feature Integration Technology Inc. F81438 Datasheet HTML 10Page - Feature Integration Technology Inc. F81438 Datasheet HTML 11Page - Feature Integration Technology Inc. F81438 Datasheet HTML 12Page - Feature Integration Technology Inc. F81438 Datasheet HTML 13Page - Feature Integration Technology Inc. F81438 Datasheet HTML 14Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
F81438
Jan, 2012
V0.11P
10
5.2.4
Pure RS-422 Full Duplex (Mode 00)
T
he F81438 provides 1 set of RS-422 full duplex 1T/1R.
Figure 4: Pure RS-422 Full Duplex Mode
MODE 00
28
1
4
3
17
18
21
26
6
27
7
19
15
20
16


Similar Part No. - F81438

ManufacturerPart No.DatasheetDescription
Feature Integration Technology Inc.
Feature Integration Tec...
F81485 FINTEK-F81485 Datasheet
155Kb / 12P
   5V Low Power RS-485 Interface Transceiver
F81485S FINTEK-F81485S Datasheet
155Kb / 12P
   5V Low Power RS-485 Interface Transceiver
More results

Similar Description - F81438

ManufacturerPart No.DatasheetDescription
Linear Technology
Linear Technology
LTC1387 LINER-LTC1387_15 Datasheet
204Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1334 LINER-LTC1334_15 Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1387 LINER-LTC1387 Datasheet
167Kb / 12P
   Single 5V RS232/RS485 Multiprotocol Transceiver
Linear Dimensions Semiconductor
Linear Dimensions Semic...
LTC1334IG-PBF LINEAR_DIMENSIONS-LTC1334IG-PBF Datasheet
285Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
Linear Technology
Linear Technology
LTC1334 LINER-LTC1334 Datasheet
270Kb / 16P
   Single 5V RS232/RS485 Multiprotocol Transceiver
LTC1318 LINER-LTC1318 Datasheet
211Kb / 8P
   Single 5V RS232/RS422/AppleTalk DCE Transceiver
LTC2870 LINER-LTC2870 Datasheet
401Kb / 36P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2870 LINER-LTC2870_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
LTC2871 LINER-LTC2871_15 Datasheet
1Mb / 42P
   RS232/RS485 Multiprotocol Transceivers with Integrated Termination
Analog Devices
Analog Devices
LTC2873 AD-LTC2873 Datasheet
1Mb / 32P
   Single-Bus RS485/RS232 Multiprotocol Transceiver with Switchable Termination
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz