Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F71889AD Datasheet(PDF) 5 Page - Feature Integration Technology Inc.

Part # F71889AD
Description  Super Hardware Monitor LPC I/O
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINTEK [Feature Integration Technology Inc.]
Direct Link  http://www.fintek.com.tw/eng
Logo FINTEK - Feature Integration Technology Inc.

F71889AD Datasheet(HTML) 5 Page - Feature Integration Technology Inc.

  F71889AD Datasheet HTML 1Page - Feature Integration Technology Inc. F71889AD Datasheet HTML 2Page - Feature Integration Technology Inc. F71889AD Datasheet HTML 3Page - Feature Integration Technology Inc. F71889AD Datasheet HTML 4Page - Feature Integration Technology Inc. F71889AD Datasheet HTML 5Page - Feature Integration Technology Inc. F71889AD Datasheet HTML 6Page - Feature Integration Technology Inc. F71889AD Datasheet HTML 7Page - Feature Integration Technology Inc. F71889AD Datasheet HTML 8Page - Feature Integration Technology Inc. F71889AD Datasheet HTML 9Page - Feature Integration Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 132 page
background image
Sep, 2011
V0.21P
-1-
F71889A
1. General Description
The F71889A which is the featured IO chip for new generational PC system is equipped
with one IEEE 1284 parallel port, two UART ports, KBC, 80-Port (multi with COM2), CIR with
RC6 and SMK QP protocols supported and 54 GPIO pins. The F71889A integrated with
hardware monitor, 9 sets of voltage sensor, 3 sets of creative auto-controlling fans and 3
temperature sensor pins for the accurate dual current type temp. measurement for CPU
thermal diode or external transistors 2N3906.
The F71889A provides flexible features for multi-directional application. For instance,
IRQ sharing function also designed in UART feature for particular usage and accurate current
mode H/W monitor will be worth in measurement of temperature, provides 3 modes fan speed
control mechanism included Manual Mode/Speed Mode/Temperature Mode for users’
selection.
Additionally, integrated 80-Port, and 5VDUAL voltage switch and adjustable voltage
reference outputs related functions. The 80-Port is for engineering and debuging usage.
F71889A also provides 5V dual controller and some voltage reference outputs for system
application. Others, the F71889A supports newest AMD new interface TSI and Intel PECI 3.0
/SST interfaces and INTEL IBX PEAK SMBus for temperature reading. These features will
help you more and improve product value.
In order to save the current consumption when the system is in the soft off state which is
so called power saving function. The power saving function supports the system boot-on not
only by pressing the power button but also by the wake-up events (GPIO5x, CIR, RI#) . When
the system enters the S3/S4/S5 state, F71889A can cut off the VSB power rail which supplies
power source to the devices like the LAN chip, the chipset, the SIO, the audio codec, DRAM,
and etc. The PC system can be simulated to G3-like state when the system enters S3/S4/S5
states. At the G3-like state, the F71889A consumes 5VSB power rail only. The integrated two
control pins are utilized to turn on or off VSB power rail in the G3-like status. The turned on
VSB rail is supplied to a wake up device to fulfill a low power consumption system which
supports a wake up function.
Finally, the F71889A is powered by 3.3V voltage, with the LPC interface in the package
of 128-LQFP (14mm*14mm) green package.
2. Feature List
General Functions
Comply with LPC Spec. 1.1
Support DPM (Device Power Management), ACPI
Provides two UARTs, KBC and Parallel Port


Similar Part No. - F71889AD

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71889 FINTEK-F71889 Datasheet
2Mb / 114P
   Super Hardware Monitor LPC I/O
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71889ED FINTEK-F71889ED Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
More results

Similar Description - F71889AD

ManufacturerPart #DatasheetDescription
logo
Feature Integration Tec...
F71889E FINTEK-F71889E Datasheet
3Mb / 114P
   Super Hardware Monitor LPC I/O
F71883 FINTEK-F71883 Datasheet
2Mb / 133P
   Super Hardware Monitor LPC I/O
F71889 FINTEK-F71889 Datasheet
2Mb / 114P
   Super Hardware Monitor LPC I/O
F71862 FINTEK-F71862 Datasheet
837Kb / 110P
   Super Hardware Monitor LPC I/O
F71863 FINTEK-F71863 Datasheet
907Kb / 112P
   Super Hardware Monitor LPC I/O
F71882 FINTEK-F71882 Datasheet
2Mb / 130P
   Super Hardware Monitor LPC I/O
F71808E FINTEK-F71808E Datasheet
694Kb / 92P
   Super Hardware Monitor LPC I/O with Power Saving Control
F71869E FINTEK-F71869E Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
F71869 FINTEK-F71869 Datasheet
3Mb / 116P
   Super I/O Hardware Monitor
F71869A FINTEK-F71869A Datasheet
1Mb / 156P
   Super I/O Hardware Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com