Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP207ECT Datasheet(PDF) 10 Page - Sipex Corporation

Part # SP207ECT
Description  5V High Performance RS232 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP207ECT Datasheet(HTML) 10 Page - Sipex Corporation

Back Button SP207ECT Datasheet HTML 6Page - Sipex Corporation SP207ECT Datasheet HTML 7Page - Sipex Corporation SP207ECT Datasheet HTML 8Page - Sipex Corporation SP207ECT Datasheet HTML 9Page - Sipex Corporation SP207ECT Datasheet HTML 10Page - Sipex Corporation SP207ECT Datasheet HTML 11Page - Sipex Corporation SP207ECT Datasheet HTML 12Page - Sipex Corporation SP207ECT Datasheet HTML 13Page - Sipex Corporation SP207ECT Datasheet HTML 14Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
SP207EDS/09
SP207E Series High Performance RS232 Transceivers
© Copyright 2000 Sipex Corporation
10
R
RS
S and
and R
RV
V add up to 330
add up to 330
Ω ffor IEC1000-4-2.
or IEC1000-4-2.
RS and RV add up to 330Ω for IEC1000-4-2.
Contact-Discharge Module
Contact-Discharge Module
R
RV
V
R
RC
C
C
CS
S
R
RS
S
SW1
SW1
SW2
SW2
RC
Device
Under
Test
DC Power
Source
CS
RS
SW1
SW2
RV
Contact-Discharge Module
Figure 8. ESD Test Circuit for IEC1000-4-2
Figure 9. ESD Test Waveform for IEC1000-4-2
With the Air Discharge Method, an ESD voltage is
applied to the equipment under test (EUT) through
air. This simulates an electrically charged person
ready to connect a cable onto the rear of the system
only to find an unpleasant zap just before the
person touches the back panel. The high energy
potential on the person discharges through an
arcing path to the rear panel of the system before he
or she even touches the system. This energy,
whether discharged directly or through air, is
predominantly a function of the discharge current
rather than the discharge voltage. Variables with
an air discharge such as approach speed of the
object carrying the ESD potential to the system
and humidity will tend to change the discharge
current. For example, the rise time of the discharge
current varies with the approach speed.
The Contact Discharge Method applies the ESD
current directly to the EUT. This method was
devised to reduce the unpredictability of the ESD
arc. The discharge current rise time is constant
since the energy is directly transferred without the
air-gaparc. Insituationssuchashandheldsystems,
the ESD charge can be directly discharged to the
equipment from a person already holding the
equipment. The current is transferred on to the
keypad or the serial port of the equipment directly
andthentravelsthroughthePCBandfinallytotheIC.
The circuit model in Figures 7 and 8 represent the
typical ESD testing circuit used for all three
methods. The CS is initially charged with the DC
power supply when the first switch (SW1) is on.
Now that the capacitor is charged, the second
switch (SW2) is on while SW1 switches off. The
voltage stored in the capacitor is then applied
through RS, the current limiting resistor, onto the
device under test (DUT). In ESD tests, the SW2
switch is pulsed so that the device under test
receives a duration of voltage.
t=0ns
t=30ns
0A
15A
30A
t ¥


Similar Part No. - SP207ECT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207ECT SIPEX-SP207ECT Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
logo
Exar Corporation
SP207ECT-L EXAR-SP207ECT-L Datasheet
1Mb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
More results

Similar Description - SP207ECT

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207E SIPEX-SP207E Datasheet
160Kb / 16P
   5V High Performance RS232 Transceivers
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
logo
Exar Corporation
SP213ECA-L-TR EXAR-SP213ECA-L-TR Datasheet
212Kb / 17P
   High Speed 5V High Performance RS232 Transceivers
SP213EHCA-L-TR EXAR-SP213EHCA-L-TR Datasheet
212Kb / 17P
   High Speed 5V High Performance RS232 Transceivers
logo
Sipex Corporation
SP207EH SIPEX-SP207EH Datasheet
204Kb / 16P
   High Speed 5V High Performance RS232 Transceivers
logo
Linear Technology
LTC1321 LINER-LTC1321_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1335 LINER-LTC1335_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1322 LINER-LTC1322_15 Datasheet
366Kb / 20P
   RS232/EIA562/RS485 Transceivers
LTC1321 LINER-LTC1321 Datasheet
454Kb / 20P
   RS232/EIA562/RS485 Transceivers
logo
List of Unclassifed Man...
AM29861 ETC1-AM29861 Datasheet
293Kb / 7P
   High Performance Bus Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com