Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP207H Datasheet(PDF) 7 Page - Sipex Corporation

Part # SP207H
Description  5V High-Speed RS-232 Transceivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP207H Datasheet(HTML) 7 Page - Sipex Corporation

Back Button SP207H Datasheet HTML 3Page - Sipex Corporation SP207H Datasheet HTML 4Page - Sipex Corporation SP207H Datasheet HTML 5Page - Sipex Corporation SP207H Datasheet HTML 6Page - Sipex Corporation SP207H Datasheet HTML 7Page - Sipex Corporation SP207H Datasheet HTML 8Page - Sipex Corporation SP207H Datasheet HTML 9Page - Sipex Corporation SP207H Datasheet HTML 10Page - Sipex Corporation SP207H Datasheet HTML 11Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
TGoddard/SP207H/9614R0
SP207H/SP211H High–Speed Transceivers
© Copyright 2000 Sipex Corporation
Power
Receiver
SD
EN
Up/Down
Outputs
0
0
Up
Enable
0
1
Up
Tri–state
1
0
Down
Tri-state
1
1
Down
Tri–state
SHUTDOWN MODE
The SP207HB, SP211H and SP211HB all fea-
ture a control input which will disable the device
and reduce the power supply current to less than
10
µA, making the parts ideal for battery–pow-
ered systems. In the “shutdown” mode the re-
ceivers and transmitters will both be tri–stated.
The V+ output of the charge pump will discharge
to V
CC , and the V
output will discharge to
ground.
For complete shutdown to occur and the 10
µA
power drain to be realized, the following condi-
tions must be met:
• +5V must be applied to the SD pin
• ENABLE must be either 0V, +5.0V or not
connected
• the transmitter inputs must be either +5.0V
or not connected
• V
CC must be +5V
• Receiver inputs must be >0V and <+5V
ENABLE
The SP207HB, SP211H and SP211HB feature
an enable input pin, which allows the receiver
VCC = +5V
+10V
VSS Storage Capacitor
VDD Storage Capacitor
C1
C2
C3
C4
+
+
++
Table 2. Truth Table for SP2xxH
Power
Receiver
SD
EN
Up/Down
Outputs
0
0
Up
Enable
0
1
Up
Tri–state
1
0
Down
Enable
1
1
Down
Tri–state
Table 3. Wake–Up Truth Table for SP2xxHB
Figure 5. Charge Pump — Phase 4
outputs to be either tri–stated or enabled. This
can be especially useful when the receiver is tied
directly to a microprocessor data bus. The en-
able is active low; that is, 0V applied to the
ENABLE pin will enable the receiver outputs.
WAKEUP FUNCTION
The SP207HB and SP211HB have a wake–up
feature that keeps all the receivers in an enabled
state when the device is in the shutdown mode.
With only the receivers active during shutdown,
the devices draw 5–10
µA of supply current. A
typical application of this function would be
where a modem is interfaced to a computer in a
power–down mode. The ring indicator signal
from the modem could be passed through an
active receiver that is in the shutdown mode.
The ring indicator signal would propagate
through the receiver to the power management
circuitry of the computer to power up the micro-
processor and the SP207HB/SP211HB drivers.
After the supply voltage to the transceivers
reaches +5.0V, the SHUTDOWN pin can be
disabled. All receivers that are active during
shutdown maintain 500mV (typ.) of hysteresis.


Similar Part No. - SP207H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP207HB SIPEX-SP207HB Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP207HBCA SIPEX-SP207HBCA Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP207HBCT SIPEX-SP207HBCT Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP207HBEA SIPEX-SP207HBEA Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
More results

Similar Description - SP207H

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP207H SIPEX-SP207H Datasheet
216Kb / 14P
   5V High-Speed RS-232 Transceivers
SP200 SIPEX-SP200_05 Datasheet
263Kb / 16P
   5V High-Speed RS-232 Transceivers with 0.1mF Capacitors
SP200 SIPEX-SP200 Datasheet
213Kb / 15P
   5V High-Speed RS-232 Transceivers with 0.1uF Capacitors
logo
Exar Corporation
SP211CA-L-TR EXAR-SP211CA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211ECA-L-TR EXAR-SP211ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP211EEA-L-TR EXAR-SP211EEA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP208ECA-L-TR EXAR-SP208ECA-L-TR Datasheet
1Mb / 15P
   5V RS-232 Serial Transceivers
SP206 EXAR-SP206 Datasheet
1Mb / 14P
   5V RS-232 Serial Transceivers
SP213EHCA EXAR-SP213EHCA Datasheet
995Kb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
SP207ECA-L-TR EXAR-SP207ECA-L-TR Datasheet
1Mb / 19P
   Low Power, High ESD 5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com