Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE103 Datasheet(PDF) 1 Page - SiGe Semiconductor, Inc.

Part # SE103
Description  LightCharger??2.5 Gb/s Transimpedance Amplifier LP Final
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE103 Datasheet(HTML) 1 Page - SiGe Semiconductor, Inc.

  SE103 Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE103 Datasheet HTML 7Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SE1031W
LightCharger
2.5 Gb/s Transimpedance Amplifier LP
Final
54-DST-01
§ Rev 1.3 § Apr 11/02
1 of 7
Applications
§
SONET/SDH-based transmission systems, test
equipment and modules
§
OC-48 fibre optic modules and line termination
§
ATM over SONET/SDH
§
Gigabit Ethernet
§
Fibre Channel
Features
§
Single +3.3 V power supply
§
Power dissipation = 110 mW (typ)
§
Input nois e current = 360 nA rms when used with
a 0.5 pF detector
§
Transimpedance gain = 2.3 k
Ω into a 50 Ω load
(differential)
§
On-chip automatic gain control gives input
current overload of 2.6 mA pk and max output
voltage swing of 300 mV pk-pk
§
Differential 50
Ω outputs
§
Bandwidth (-3 dB) = 2.4 GHz
§
Wide data rate range = 50 Mb/s to 2.5 Gb/s
§
Constant photodiode reverse bias voltage = 1.5 V
(anode to input, cathode to VCC)
§
Minimal external components, supply decoupling
only
§
Operating junction temperature range = -40
°C to
+125
°C
§
Equivalent to Nortel Networks AB89-A4A
Ordering Information
Type
Package
Remark
SE1031W
Bare Die
None
Product Description
SiGe Semiconductor offers a portfolio of optical
networking ICs for use in high-performance optical
transmitter and receiver functions, from 155 Mb/s up
to 12.5 Gb/s.
SiGe Semiconductor’s SE1031 is a fully integrated,
silicon bipolar transimpedance amplifier; providing
wideband, low noise preamplification of signal current
from a photodetector. It features differential outputs,
and
incorporates
an
automatic
gain
control
mechanism to increase dynamic range, allowing input
signals up to 2.6 mA peak. A decoupling capacitor on
the supply is the only external circuitry required. A
system block diagram is shown after the functional
description, on page 3.
Noise
performance
is
optimized
for
2.5 Gb/s
operation,
with
a
calculated
rms
noise
based
sensitivity of –26 dBm for 10
-10
bit error rate, achieved
using a detector with 0.5 pF capacitance and a
responsivity of 0.9 A/W, with an infinite extinction ratio
source.
Functional Block Diagram
VCC or +ve supply
SE1031
TzAmp
2.5 Gb/s
Tz Amp
Output
Driver
Bandgap
Reference
Integrator
Rectifier
Automatic Gain Control
TZ_IN
Input
Current
OUTP
OUTN
50
50
Rf


Similar Part No. - SE103

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE103 SIGE-SE103 Datasheet
102Kb / 9P
   LightCharger??2.5 Gb/s Transimpedance Amplifier Final
SE1030W SIGE-SE1030W Datasheet
102Kb / 9P
   LightCharger??2.5 Gb/s Transimpedance Amplifier Final
More results

Similar Description - SE103

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE1030W SIGE-SE1030W Datasheet
102Kb / 9P
   LightCharger??2.5 Gb/s Transimpedance Amplifier Final
SE1050W SIGE-SE1050W Datasheet
133Kb / 11P
   LightCharger??10 Gb/s Transimpedance Amplifier Final
SE1230Q SIGE-SE1230Q Datasheet
414Kb / 9P
   LightCharger??2.5 Gb/s Automatic Gain Control Amplifier Final
SE1000W SIGE-SE1000W Datasheet
114Kb / 9P
   LightChargerTM155 Mb/s Transimpedance Amplifier Final
logo
Vitesse Semiconductor C...
VSC7997 VITESSE-VSC7997 Datasheet
425Kb / 2P
   10.7 Gb/s Transimpedance Amplifier
logo
ANADIGICS, Inc
ATA121302D1C ANADIGICS-ATA121302D1C Datasheet
147Kb / 5P
   1.25 GB/S TRANSIMPEDANCE AMPLIFIER
logo
SiGe Semiconductor, Inc...
SE1010W SIGE-SE1010W Datasheet
114Kb / 9P
   LightChargerTM 622 Mb/s Transimpedance Amplifier Final
logo
Eudyna Devices Inc
F0100505B EUDYNA-F0100505B Datasheet
564Kb / 12P
   3.3 V /5V 2.5 Gb/s NRZ Receiver Transimpedance Amplifier
logo
Infineon Technologies A...
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
   2.5 Gbit/s Transimpedance Amplifier
July 1998
logo
TriQuint Semiconductor
TGA4805-EPU TRIQUINT-TGA4805-EPU Datasheet
213Kb / 6P
   10 GB/s Differential Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com