Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE1010W Datasheet(PDF) 4 Page - SiGe Semiconductor, Inc.

Part # SE1010W
Description  LightChargerTM 622 Mb/s Transimpedance Amplifier Final
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIGE [SiGe Semiconductor, Inc.]
Direct Link  http://www.sige.com
Logo SIGE - SiGe Semiconductor, Inc.

SE1010W Datasheet(HTML) 4 Page - SiGe Semiconductor, Inc.

  SE1010W Datasheet HTML 1Page - SiGe Semiconductor, Inc. SE1010W Datasheet HTML 2Page - SiGe Semiconductor, Inc. SE1010W Datasheet HTML 3Page - SiGe Semiconductor, Inc. SE1010W Datasheet HTML 4Page - SiGe Semiconductor, Inc. SE1010W Datasheet HTML 5Page - SiGe Semiconductor, Inc. SE1010W Datasheet HTML 6Page - SiGe Semiconductor, Inc. SE1010W Datasheet HTML 7Page - SiGe Semiconductor, Inc. SE1010W Datasheet HTML 8Page - SiGe Semiconductor, Inc. SE1010W Datasheet HTML 9Page - SiGe Semiconductor, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SE1010W
LightCharger
TM 622 Mb/s Transimpedance Amplifier
Final
41-DST-01
§ Rev 1.5 § May 24/02
4 of 9
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings may cause permanent damage
to, or affect the reliability of the device. Avoid operating the device outside the recommended operating conditions
defined below.
Symbol
Parameter
Min
Max
Unit
VCC
Supply Voltage
–0.7
6.0
V
VIO
Voltage at any input or output
–0.5
VCC+0.5
V
IIO
Current sourced into any input or output except
TZ_IN
–20
20
mA
IIO
Current sourced into pin TZ_IN
–5
5
mA
VESD
Electrostatic Discharge (100 pF, 1.5 k
Ω) except
TZ_IN
–2
2
kV
VESD
Electrostatic Discharge (100 pF, 1.5 k
Ω) pin
TZ_IN
–0.25
0.25
kV
Tstg
Storage Temperature
–65
150
°C
Recommended Operating Conditions
Symbol
Parameter
Min
Typ
Max
Unit
VCC
Supply Voltage
4.7
5.0
5.3
V
Tj
Operating Junction Temperature
–40
95
°C
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
ICC
Supply Current
39
61
mA
lagc
AGC Threshold
10
µA pk-pk
Vin
Input Bias Voltage
VCC–3.2
VCC–3.0
VCC–2.7
V
Vout
Output Bias Voltage
2.9
3.5
V
Rout
Output Resistance
35
50
65


Similar Part No. - SE1010W

ManufacturerPart #DatasheetDescription
logo
Seaward Electronics Inc...
SE100 SEAWARD-SE100 Datasheet
422Kb / 9P
   QC2.0 Interface Module
logo
SiGe Semiconductor, Inc...
SE1000W SIGE-SE1000W Datasheet
114Kb / 9P
   LightChargerTM155 Mb/s Transimpedance Amplifier Final
logo
Seaward Electronics Inc...
SE100B SEAWARD-SE100B Datasheet
327Kb / 8P
   QC2.0 Interface Module
logo
Vishay Siliconix
SE100PWB VISHAY-SE100PWB Datasheet
142Kb / 5P
   Surface-Mount ESD Capability Rectifier
Revision: 02-Jun-2020
SE100PWB VISHAY-SE100PWB Datasheet
142Kb / 5P
   Surface-Mount ESD Capability Rectifier
01-Jan-2022
More results

Similar Description - SE1010W

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE1000W SIGE-SE1000W Datasheet
114Kb / 9P
   LightChargerTM155 Mb/s Transimpedance Amplifier Final
logo
Eudyna Devices Inc
F0100208B EUDYNA-F0100208B Datasheet
466Kb / 10P
   3.3 V / 622 Mb/s Receiver Transimpedance Amplifier
F0100209B EUDYNA-F0100209B Datasheet
443Kb / 6P
   3.3 V /5V 622 Mb/s Receiver Transimpedance Amplifier
logo
SiGe Semiconductor, Inc...
SE1050W SIGE-SE1050W Datasheet
133Kb / 11P
   LightCharger??10 Gb/s Transimpedance Amplifier Final
SE1030W SIGE-SE1030W Datasheet
102Kb / 9P
   LightCharger??2.5 Gb/s Transimpedance Amplifier Final
SE1031W SIGE-SE1031W Datasheet
80Kb / 7P
   LightCharger??2.5 Gb/s Transimpedance Amplifier LP Final
logo
Eudyna Devices Inc
F0100106B EUDYNA-F0100106B Datasheet
478Kb / 10P
   3.3 V / 156 Mb/s Receiver Transimpedance Amplifier
F0100109B EUDYNA-F0100109B Datasheet
461Kb / 10P
   3.3 V /5V 156 Mb/s Receiver Transimpedance Amplifier
logo
TriQuint Semiconductor
TQ8103 TRIQUINT-TQ8103 Datasheet
194Kb / 9P
   622 Mb/s Clock & Data Recovery
logo
ANADIGICS, Inc
ATA121302 ANADIGICS-ATA121302 Datasheet
203Kb / 8P
   1.25Gb/s Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com