Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD19FC682JO3F Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # CD19FC682JO3F
Description  Mica Capacitors, Standard Dipped
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

CD19FC682JO3F Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  CD19FC682JO3F Datasheet HTML 1Page - Cornell Dubilier Electronics CD19FC682JO3F Datasheet HTML 2Page - Cornell Dubilier Electronics CD19FC682JO3F Datasheet HTML 3Page - Cornell Dubilier Electronics CD19FC682JO3F Datasheet HTML 4Page - Cornell Dubilier Electronics CD19FC682JO3F Datasheet HTML 5Page - Cornell Dubilier Electronics CD19FC682JO3F Datasheet HTML 6Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Mica Capacitors, Standard Dipped
Types CD10, D10, CD15, CD19, CD30, CD42, CDV19, CDV30
Stability and mica go hand-in-hand when you need to count
on stable capacitance over a wide temperature range. CDE’s
standard dipped silvered mica capacitors are the first choice for
timing and close tolerance applications. These standard types
are widely available through distribution.
Specifications
Dimensions
Capacitance Range
1 pF to 91,000 pF
Capacitance Tolerance
±1/2 pF (D), ±1 pF (C), ±1/2% (E), ±1% (F), ±2% (G), ±5% (J)
Rated Voltage
100 Vdc to 2500 Vdc
Operating Temperature Range
–55 ºC to +125 ºC (O) –55 ºC to +150 ºC (P)*
Dielectric Strenght Test
200% of rated voltage
RoHS Compliant
Highlights
- Reel packaging available
- High temperature – up to +150 ºC
- Dimensions meet EIA RS153B specification
- 100,000 V/µs dV/dt pulse capability minimum
- Non-flammable units that meet IEC 695-2-2 are available
Construction Details
Case Material
Epoxy
Terminal Material
Copper clad steel, nickle undercoat,
100% tin finish
* P temperature range available for types CD10, CD15, CD19, CD30 and CD42
Order by complete part number as below. For other options,
write your requirements on your purchase order or request
for quotation.
Ordering Information
Part Numbering System (Radial-Leaded Silvered Mica Capacitors, except D10*)
Characteristics
Code
Temp. Coeff.
Capacitance Standard Cap.
ppm/ ºC
Drift
Range
C
–200 to +200
±(0.5% +0.1pF)
1–18 pF
E
–20 to +100
±(0.1% +0.1 pF)
20–82 pF
F
0 to +70
±(0.05% +0.1 pF) 91 pF and up
Vibration Grade
Vibration
Condition
(Hz)
No. MIL-STD-202
3 Method 204
Condition D
10 to 2,000
Capacitance Tolerance
Tol.
Code
Tolerance
Capacitance
Range
C
±1 pF
1– 9 pF
D
±1⁄2 pF
1–99 pF
E
±1⁄2 %
100 pF and up
F
±1 %
50 pF and up
G
±2 %
25 pF and up
H
±3 %
18 pF and up
J
±5 %
10 pF and up
Standard tolerance is ±1/2 pF for less
than 10 pF and ±5% for 10 pF and up
CD15
C
D
100
J
O
3
F
Series
Characteristic
Code
Voltage
(Vdc)
Capacitance
(pF)
Capacitance
Tolerance
Temperature
Range
Vibration
Grade
Blank =
Not Specified
F= RoHS
Compliant
F = 1000 Vdc
A = 100 Vdc H = 1500 Vdc
C = 300 Vdc J = 2000 Vdc
D = 500 Vdc K = 2500 Vdc
010 = 1 pF
100 = 10 pF
(1.5) = 1.5 pF
361 = 360 pF
122 = 1200 pF
O = –55 ºC to +125 ºC
P = –55 ºC to +150 ºC
- Non-flammable units per IEC 695-2-2 are available for standard
dipped capacitors. Specify IEC 695-2-2 on your order.
- Tape and reeling, specify per application guide.
Options Available
* Order type D10 using the catalog numbers
shown in ratings tables.


Similar Part No. - CD19FC682JO3F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CD19FC682JO3F CDE-CD19FC682JO3F Datasheet
526Kb / 7P
   Mica Capacitors, Standard Dipped
More results

Similar Description - CD19FC682JO3F

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
CD10 CDE-CD10 Datasheet
526Kb / 7P
   Mica Capacitors, Standard Dipped
logo
List of Unclassifed Man...
CD10 ETC1-CD10 Datasheet
67Kb / 4P
   Mica Capacitors, Standard Dipped
logo
Cornell Dubilier Electr...
CD10CD010D03F CDE-CD10CD010D03F Datasheet
816Kb / 4P
   Mica Capacitors Standard Dipped
logo
List of Unclassifed Man...
CD5 ETC1-CD5 Datasheet
512Kb / 5P
   Miniature Dipped, Mica Capacitors
logo
Cornell Dubilier Electr...
CM05ED430JO3 CDE-CM05ED430JO3 Datasheet
209Kb / 1P
   Radial-Leaded Dipped Mica Capacitors
logo
Sharma Electro Componen...
DM19 SHARMA-DM19 Datasheet
253Kb / 1P
   Mica Capacitors
DM30 SHARMA-DM30 Datasheet
250Kb / 1P
   Mica Capacitors
DM10 SHARMA-DM10 Datasheet
261Kb / 2P
   Mica Capacitors
DM42 SHARMA-DM42 Datasheet
253Kb / 1P
   Mica Capacitors
DM15FD SHARMA-DM15FD Datasheet
640Kb / 18P
   MICA CAPACITORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com