Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS-20-094 Datasheet(PDF) 6 Page - FCI connector

Part # GS-20-094
Description  ZipLine Connector System
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-20-094 Datasheet(HTML) 6 Page - FCI connector

Back Button GS-20-094 Datasheet HTML 2Page - FCI connector GS-20-094 Datasheet HTML 3Page - FCI connector GS-20-094 Datasheet HTML 4Page - FCI connector GS-20-094 Datasheet HTML 5Page - FCI connector GS-20-094 Datasheet HTML 6Page - FCI connector GS-20-094 Datasheet HTML 7Page - FCI connector GS-20-094 Datasheet HTML 8Page - FCI connector GS-20-094 Datasheet HTML 9Page - FCI connector GS-20-094 Datasheet HTML 10Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
NUMBER
GS-20-094
TYPE
APPLICATION SPECIFCATION
TITLE
PAGE
REVISION
6 of 23
B
AUTHORIZED BY
DATE
ZipLine
TM Connector System
M. Gray
2009-10-05
CLASSIFICATION
UNRESTRICTED
Copyright 2006 FCI
4.5.
CONTACT WIPE DISTANCE
The nominal contact wipe distance for standard ZipLine™ signal and power pins is 2.6mm. This value is at full
normal force and does not include lead-in geometry on either mating half. This value assumes there is no gap
between connector mating faces.
4.6.
SHORT DETECT PIN OPTION
A short detect pin option is available for ZipLine™ vertical headers. This pin has 2.00mm of contact wipe at full
normal force, which is 0.6mm less than all other header blades. Typically one assembly with short a detect pin
will be placed at each end of a card slot, and the card is powered on when the two short detect pins mate.
Short detect pin A1
Figure 6: Short detect option
4.7.
SEPARATE GUIDE MODULES
It is strongly recommended that separate guide modules be used to maximize the system’s mechanical
robustness. One guide module should be placed at each end of a group of signal modules. If the amount of
bow in a daughter card is expected to exceed the amount of signal connector guidance, then an additional guide
module should be placed near the center of a group of signal modules. Please refer to GS-20-045 for
additional information on Hard Metric Guide Connectors.
Form E-3334
Rev F
GS-01-001
PDM: Rev:B
Released
.
STATUS:
Printed: Nov 28, 2010


Similar Part No. - GS-20-094

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-20-129 FCI-CONNECTOR-GS-20-129 Datasheet
850Kb / 9P
   1mm SPACING FPC/FFC CONNECTOR DOCUMENT LIST
More results

Similar Description - GS-20-094

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-12-452 FCI-CONNECTOR-GS-12-452 Datasheet
305Kb / 13P
   ZipLine Connector System
logo
ITT Industries
CHM ITT-CHM Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
logo
Molex Electronics Ltd.
0151340400 MOLEX1-0151340400 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340705 MOLEX1-0151340705 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
Laird Tech Smart Techno...
RJ45-ECS LSTD-RJ45-ECS Datasheet
697Kb / 2P
   Ethernet Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com