Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS-12-0984 Datasheet(PDF) 5 Page - FCI connector

Part # GS-12-0984
Description  TRX10GDL0610C3 (SFP LRM Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-0984 Datasheet(HTML) 5 Page - FCI connector

  GS-12-0984 Datasheet HTML 1Page - FCI connector GS-12-0984 Datasheet HTML 2Page - FCI connector GS-12-0984 Datasheet HTML 3Page - FCI connector GS-12-0984 Datasheet HTML 4Page - FCI connector GS-12-0984 Datasheet HTML 5Page - FCI connector GS-12-0984 Datasheet HTML 6Page - FCI connector GS-12-0984 Datasheet HTML 7Page - FCI connector GS-12-0984 Datasheet HTML 8Page - FCI connector GS-12-0984 Datasheet HTML 9Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
NUMBER
GS-12-0984
TYPE
Product Specification
TITLE
PAGE
REVISION
TRX10GDL0610C3 (SFP+ LRM Module)
5 of 16
A
AUTHORIZED BY
DATE
J. Blank
27 Apr. 2011
CLASSIFICATION
UNRESTRICTED
Copyright © 2011 FCI Deutschland GmbH. FCI Deutschland GmbH reserves the right to make changes to this document at any time without notice.
Information in this document is believed to be reliable. However, no responsibility is assumed for possible inaccuracy or omission.
SFI Module Transmitter Input Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Nominal Data Rate
10.3125
Gbd
Reference Differential Input
Impedance
Zd
100
Input AC Common Mode Input
Voltage
0
25
mV
(RMS)
Differential Input Voltage Swing
2 x |V(TD+) – V(TD-)|
VID
150
900
mV
Differential Input S-parameter
0.01 – 4.1 GHz
SDD11
1)
dB
4.1 – 11.1 GHz
2)
dB
Differential to Common Mode
Conversion
3)
0.01 – 11.1 GHz
SCD11
-10
dB
Total Jitter
TJ
0.28
UI(p-p)
Data Dependent Jitter
DDJ
0.1
UI(p-p)
Uncorrelated Jitter
UJ
0.023
RMS
1)
Reflection coefficient given by equation SDD11(dB) < -12 + 2 x SQRT(f), with f in GHz.
2)
Reflection coefficient given by equation SDD11(dB) < -6.3 + 13 x Log10(f/5.5), with f in GHz.
3)
Common mode reference impedance is 25Ω.
SFI Module Receiver Output Characteristics
Parameter
Conditions
Symbol
Min
Typ
Max
Units
Nominal Data Rate
10.3125
Gbd
Reference Differential Output
Impedance
Zd
100
Termination Mismatch
∆Zd
5
%
Output AC Common Mode Voltage
7.5
mV
(RMS)
Differential Output Amplitude
RLoad = 100 ohm,
PIN_OMA ≥ -8 dBm
2 x |V(RD+) – V(RD-)|
VOSPP
180
250
400
mV
Differential Output S-parameter
0.01 – 4.1 GHz
SDD22
1)
dB
4.1 – 11.1 GHz
2)
dB
Common Mode Output Return Loss
4)
0.01 – 2.5 GHz
SCC22
3)
dB
2.5 – 11.1 GHz
-3
dB
Receiver Waveform Distortion
Penalty
dWDP
1.5
dB
1)
Reflection coefficient given by equation SDD22(dB) < -12 + 2 x SQRT(f), with f in GHz.
2)
Reflection coefficient given by equation SDD22(dB) < -6.3 + 13 x Log10(f/5.5), with f in GHz.
3)
Reflection coefficient given by equation SCC22(dB) = -7 + 1.6 x f, with f in GHz
4)
Common mode reference impedance is 25Ω.
PDS: Rev :A
STATUS:Released
Printed: Jan 03, 2012


Similar Part No. - GS-12-0984

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-12-0903 FCI-CONNECTOR-GS-12-0903 Datasheet
271Kb / 16P
   TRX10GVP2010C1 (SFP SR Module)
GS-12-0974 FCI-CONNECTOR-GS-12-0974 Datasheet
257Kb / 14P
   TRX10GDP0310C1 (SFP LR Module)
GS-12-0977 FCI-CONNECTOR-GS-12-0977 Datasheet
174Kb / 17P
   Conan Micro miniature Connector System
More results

Similar Description - GS-12-0984

ManufacturerPart #DatasheetDescription
logo
FCI connector
TRX10GDL0610 FCI-CONNECTOR-TRX10GDL0610 Datasheet
1Mb / 12P
   10GBd SFP 1310nm LRM Linear Transceiver
logo
Source Photonics, Inc.
FTM-311XC-L03G SOURCE-FTM-311XC-L03G Datasheet
281Kb / 13P
   10G 1310nm LRM SFP Transceiver
logo
Micrel Semiconductor
TXRX-982 MICREL-TXRX-982 Datasheet
1Mb / 10P
   SFP Module
logo
Optoway Technology Inc
SPM-2101WG OPTOWAY-SPM-2101WG Datasheet
175Kb / 5P
   1310 nm / 10.3 Gb/s Digital Diagnostic LC Multi-Mode SFP for 10GBASE-LRM
logo
Mitsubishi Electric Sem...
MF-2500FXD MITSUBISHI-MF-2500FXD Datasheet
299Kb / 14P
   2.5Gbps SFP TRANSCEIVER MODULE
logo
FCI connector
GS-12-0974 FCI-CONNECTOR-GS-12-0974 Datasheet
257Kb / 14P
   TRX10GDP0310C1 (SFP LR Module)
logo
Mitsubishi Electric Sem...
MF-27WXD MITSUBISHI-MF-27WXD Datasheet
301Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
MF-2500FXE MITSUBISHI-MF-2500FXE Datasheet
307Kb / 16P
   2.5Gbps SFP TRANSCEIVER MODULE
logo
FCI connector
GS-12-0903 FCI-CONNECTOR-GS-12-0903 Datasheet
271Kb / 16P
   TRX10GVP2010C1 (SFP SR Module)
logo
Mitsubishi Electric Sem...
MF-27WXC MITSUBISHI-MF-27WXC Datasheet
300Kb / 15P
   2.5Gbps SFP TRANSCEIVER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com