Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS-12-452 Datasheet(PDF) 6 Page - FCI connector

Part # GS-12-452
Description  ZipLine Connector System
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

GS-12-452 Datasheet(HTML) 6 Page - FCI connector

Back Button GS-12-452 Datasheet HTML 2Page - FCI connector GS-12-452 Datasheet HTML 3Page - FCI connector GS-12-452 Datasheet HTML 4Page - FCI connector GS-12-452 Datasheet HTML 5Page - FCI connector GS-12-452 Datasheet HTML 6Page - FCI connector GS-12-452 Datasheet HTML 7Page - FCI connector GS-12-452 Datasheet HTML 8Page - FCI connector GS-12-452 Datasheet HTML 9Page - FCI connector GS-12-452 Datasheet HTML 10Page - FCI connector Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
NUMBER
GS-12-452
TYPE
PRODUCT SPECIFCATION
TITLE
PAGE
REVISION
6 of 13
C
AUTHORIZED BY
DATE
ZipLineTM Connector System
M. Gray
2009-10-05
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
6.0
MECHANICAL CHARACTERISTICS
6.1
Mating / Un-mating Force
Perform in accordance with EIA 364-13. The force to mate a receptacle connector and compatible
header shall not exceed 0.40 N per contact for signal contacts, and 1.65 N per contact for power contacts
(Each power contact consisting of 3 mating interfaces). The un-mating force shall not be less than 0.10 N
per contact for signal contacts, and 0.30 N per contact for power contacts. The following details shall
apply:
a.
Cross head speed: 1 inch per minute
b.
Lubrication: None
c.
Utilize free-floating fixtures
d.
Number of mate/un-mate cycles: 3
e.
Number of mated connector pairs to be tested: per test matrix tables
6.2
Compliant pin insertion force
The common compliant pin design was qualified during the AirMax VS
® qualification testing. Please refer
to test report EL-2004-03-008D. The requirements are restated here for reference.
Perform in accordance with EIA 364-05. Fully populated connectors shall be applied to test boards with
minimum, maximum, and nominal size plated through holes (as defined in Table 2) using an electric
application press and FCI recommended application tooling. The following details shall apply:
a. Insertion force per press-fit tail: 25 N maximum
b. Number of readings: 1 per connector assembly tested
c. Number of connectors to be tested: 13 sets (3 sets in minimum holes; 5 sets in nominal holes; 5 sets
in maximum holes)
6.3
Compliant pin retention force
The common compliant pin design was qualified during AirMax VS
® qualification testing. Please refer to
test report EL-2004-03-008D. The requirements are restated here for reference.
Perform in accordance with EIA 364-05. Fully populated connectors shall be removed from test boards
with minimum, maximum, or nominal size plated through holes (as defined in Table 2) using an electric
application press and FCI recommended removal tooling. The following details shall apply:
a. Retention force per press-fit tail: 3 N minimum
b. Number of connectors to be tested: 13 sets (3 sets in minimum holes; 5 sets in nominal holes; 5 sets
in maximum holes)
6.4
PCB Hole Deformation Radius
Perform in accordance with Telcordia GR-1217-CORE, section 5.1.7. Use test boards with nominal
diameter plated through holes. Make cross-sections 0.25mm (0.010 inch) from the top board surface and
near the center of the press-fit section. Photograph and measure the minimum copper thickness
remaining between the compliant pin and the printed wiring board laminate and the hole deformation
radius. The minimum average copper thickness remaining between the compliant pin and the printed
wiring board laminate shall not be less than 7.5 µm (0.0003”). The maximum average hole deformation
radius shall be no greater than 37.5 µm (0.0015”). The maximum hole deformation radius reading must
not exceed 50 µm (0.0020”). Test 15 holes.
6.5
PCB Hole Wall Damage
Perform in accordance with Telcordia GR-1217-CORE, section 5.1.7. Use test boards with nominal
diameter plated through holes. Cross-section perpendicular to the board surface and through the
compliant section wear track. There shall be no copper cracks, separations between conductive
interfaces, or laminate-to-copper separations. Test 15 pins.
PDM: Rev:C
Released
.
STATUS:
Printed: Nov 28, 2010


Similar Part No. - GS-12-452

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-12-497 FCI-CONNECTOR-GS-12-497 Datasheet
269Kb / 8P
   SD CARD CONNECTOR
More results

Similar Description - GS-12-452

ManufacturerPart #DatasheetDescription
logo
FCI connector
GS-20-094 FCI-CONNECTOR-GS-20-094 Datasheet
925Kb / 23P
   ZipLine Connector System
logo
ITT Industries
CHM ITT-CHM Datasheet
2Mb / 36P
   2.0 CONNECTOR SYSTEM
logo
Molex Electronics Ltd.
0151340606 MOLEX1-0151340606 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340405 MOLEX1-0151340405 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340701 MOLEX1-0151340701 Datasheet
46Kb / 1P
   PicoBlade Connector System
0151340706 MOLEX1-0151340706 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
TE Connectivity Ltd
175180-1 TEC-175180-1 Datasheet
8Mb / 80P
   MULTILOCK Connector System
4-2010.
logo
Molex Electronics Ltd.
0151340400 MOLEX1-0151340400 Datasheet
47Kb / 1P
   PicoBlade Connector System
0151340705 MOLEX1-0151340705 Datasheet
46Kb / 1P
   PicoBlade Connector System
logo
Laird Tech Smart Techno...
RJ45-ECS LSTD-RJ45-ECS Datasheet
697Kb / 2P
   Ethernet Connector System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com