Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GS-12-006 Datasheet(PDF) 9 Page - FCI connector

Part No. GS-12-006
Description  Conan™ Micro miniature Connector System
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FCI-CONNECTOR [FCI connector]
Homepage  http://www.fciconnect.com
Logo 

GS-12-006 Datasheet(HTML) 9 Page - FCI connector

Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
NUMBER
GS-12-006
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
9 of 17
T
AUTHORIZED BY
DATE
Conan™ Micro miniature Connector System
C. Martinez
29 July 08
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
G.
Solder dwell time: Terminal held immediately above solder for 10 seconds and then
immersed for 5 +/- 0.5 seconds. The solder tails shall be bent normal to the base of the
connector to prevent the insulator from touching the solder bath.
H.
Solder temperature: 245 +/- 5 deg. C.
I.
Samples: Group 7 - unsoldered and unmated.
8.8
RESISTANCE TO IR SOLDERING HEAT
A.
Temperature: 260oC + 5o C (peak temperature)
B.
Duration: 30 seconds.
8.9
DURABILITY - STANDARD LABORATORY PROCEDURES
A.
Number of cycles:
30 cycles for 15u" GXT Contact Finish
200 cycles for 30u" GXT Contact Finish
B.
Crosshead speed: 1 inch/minute max.
9.0
QUALITY ASSURANCE PROVISIONS
9.1
EQUIPMENT CALIBRATION
All test equipment and inspection facilities used in the performance of any test shall be maintained in
a calibration system in accordance with MIL-C-45662 and ISO 9000.
9.2
INSPECTION CONDITIONS
Unless otherwise specified herein, all inspections shall be performed under the following ambient
conditions:
A.
Temperature: 25 +/- 5 deg. C.
B.
Relative humidity: 30 to 60%
C.
Barometric pressure: Local ambient.
PDM: Rev:T
Released
.
STATUS:
Printed: Nov 28, 2010


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn