Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GS-12-006 Datasheet(PDF) 8 Page - FCI connector

Part No. GS-12-006
Description  Conan™ Micro miniature Connector System
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FCI-CONNECTOR [FCI connector]
Homepage  http://www.fciconnect.com
Logo 

GS-12-006 Datasheet(HTML) 8 Page - FCI connector

Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
NUMBER
GS-12-006
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
8 of 17
T
AUTHORIZED BY
DATE
Conan™ Micro miniature Connector System
C. Martinez
29 July 08
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
8.4
SHOCK - MIL-STD-202F, METHOD 213B
A.
Condition - A, (50G, 11 ms half-sine) contacts shall show no evidence of discontinuity
greater than one microsecond. The following details shall apply:
B.
Shocks: 3 shocks in both directions along each of 3 orthogonal axes (18 total).
C.
Mounting: See Figure 3.0.
D.
No discontinuities greater than 1.0 microseconds.
8.5
VIBRATION - MIL-STD-202F, METHOD 204D
A.
Condition: B
B.
Vibration Amplitude: +/-15G or .06" da.
C.
Frequency range: 10 to 2000 hz.
D.
Sweep time and duration: 20 minutes per sweep, 4 hours along each of 3 orthogonal
axes (12 hours total).
E.
Mounting: See Figure 3.0.
8.6
INDUSTRIAL MIXED FLOWING GAS - BATTELLE PROCEDURE
A.
Class: IIa
B.
Duration: 20 days, mated
8.7
SOLDERABILITY - MIL-STD-202F METHOD 208F
A.
Contact tails shall be solderable over a minimum of .035 from the tip.
B.
Steam aging: Suspended 2 inches above boiling, distilled water for 4 hours.
C.
Acceptable coverage: 95% minimum.
D.
Solder: 60/40 tin-lead in accordance with QQ-S-571, Type S.
E.
Flux: Type RMA.
F.
Flux immersion time: 10 seconds.
PDM: Rev:T
Released
.
STATUS:
Printed: Nov 28, 2010


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn