Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GS-12-006 Datasheet(PDF) 7 Page - FCI connector

Part No. GS-12-006
Description  Conan™ Micro miniature Connector System
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FCI-CONNECTOR [FCI connector]
Homepage  http://www.fciconnect.com
Logo 

GS-12-006 Datasheet(HTML) 7 Page - FCI connector

Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
NUMBER
GS-12-006
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
7 of 17
T
AUTHORIZED BY
DATE
Conan™ Micro miniature Connector System
C. Martinez
29 July 08
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
8.0
ENVIRONMENTAL CONDITIONS
After exposure to the following environmental conditions in accordance with the specified test procedures
and/or details, the product shall show no physical damage and shall meet the electrical and mechanical
requirements per paragraphs 6.0 and 7.0 as specified in the Table 1.0 test sequences. Unless specified
otherwise, the assemblies shall be mated during exposure.
8.1
HUMIDITY, STEADY STATE - MIL-STD-202F, METHOD 103B
A.
Relative humidity: 90% +/- 5%
B.
Temperature: 40 +/- 3 Deg. C
C.
Test Duration: 96 hours
D.
Samples: Groups 1 and 2 - unmated during exposure.
8.2
THERMAL SHOCK - MIL-STD-202F, METHOD 107G
A.
Test condition: A - (25, 1 hour cycles).
B.
Temperature range: -55 +/- 5 to +130 +5/-0 Deg. C.
C.
Time at each temperature: 30 minutes
D.
Transfer time: 5 minutes max.
E.
Samples: Groups 1 and 2 - unmated during exposure.
8.3
ENVIRONMENTAL SEQUENCE
Phase 1 - Thermal shock, MIL-STD-202F, Method 107G.
A.
Test duration - 36, 1-hour cycles
B.
Temperature range - between -20 and +80 deg. C.
C.
Time at temperature - 30 minutes
D.
Transfer time - 5 minutes, maximum
Phase 2 - Humidity, MIL-STD-202F, Method 103B.
A.
Test duration - 10 days
B.
Relative humidity - 95%
C.
Temperature - 40 +/- 3 deg. C.
8.3.1 - High Tem Life MIL-STD-202F, Method 108A
A.
Test Duration - 21 days
B.
Temperature - 105 deg. C.
PDM: Rev:T
Released
.
STATUS:
Printed: Nov 28, 2010


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn