Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GS-12-006 Datasheet(PDF) 5 Page - FCI connector

Part No. GS-12-006
Description  Conan™ Micro miniature Connector System
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FCI-CONNECTOR [FCI connector]
Homepage  http://www.fciconnect.com
Logo 

GS-12-006 Datasheet(HTML) 5 Page - FCI connector

 
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
NUMBER
GS-12-006
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
5 of 17
T
AUTHORIZED BY
DATE
Conan™ Micro miniature Connector System
C. Martinez
29 July 08
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
B.
Test duration: 60 seconds
C.
Preparation: The connectors shall be mounted but not soldered to a P.C. board.
D.
Measurement points: The dielectric withstanding voltage shall be applied across a
minimum of 10 adjacent and 10 opposing contacts.
6.5
CAPACITANCE
The capacitance between adjacent and opposing contacts in a mated connector shall not exceed
2.0 picofarads when tested in accordance with Du Pont specification BUS-03-114. The following
details shall apply:
A.
Test frequency: 100 khz
B.
Preparation: The connectors shall be mated but not soldered to a P.C. board.
C.
Measurement points: The capacitance shall be measured across a minimum of 10
adjacent and 10 opposing contacts.
7.0
MECHANICAL CHARACTERISTICS
7.1
CONTACT RETENTION
Individual contacts in the unterminated header and receptacle portions of the connector shall
withstand a load normal to the soldertail of 0.25 min. pounds. The force shall be measured on a
minimum of 10 contacts per unmated header and receptacle connector. The crosshead speed shall
be no greater than 0.2 inches per minute.
7.2
MATING FORCE
The force to mate header and receptacle connectors that are mounted on a P.C. board shall not
exceed 125 grams per contact. The crosshead speed shall be no greater than 1.0 inches per
minute.
7.3
UNMATING FORCE
The force to unmate header and receptacle connectors that are mounted on a P.C. board shall be
no less than 45 grams per contact. The crosshead speed shall be no greater than 1.0 inch per
minute.
7.4
NORMAL FORCE
PDM: Rev:T
Released
.
STATUS:
Printed: Nov 28, 2010


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn