Electronic Components Datasheet Search |
|
GS-12-006 Datasheet(PDF) 4 Page - FCI connector |
|
GS-12-006 Datasheet(HTML) 4 Page - FCI connector |
4 / 17 page NUMBER GS-12-006 TYPE PRODUCT SPECIFICATION TITLE PAGE REVISION 4 of 17 T AUTHORIZED BY DATE Conan™ Micro miniature Connector System C. Martinez 29 July 08 CLASSIFICATION UNRESTRICTED Copyright FCI Form E-3334 Rev F GS-01-001 6.0 ELECTRICAL CHARACTERISTICS 6.1 CURRENT RATING The maximum current rating based upon a 30 degree C temperature rise over ambient is 1.0 amp DC per contact for a 69 position connector with all contacts carrying current. The maximum current carrying capacity for an individual contact is 2.0 amps D.C. 6.2 LOW LEVEL CONTACT RESISTANCE The low level contact resistance of the 4.15mm, 4.5mm, 5mm and 5.5mm mated height connectors shall not exceed 20 milliohms initially and 30 milliohms after environmental exposure when measured in accordance with EIA-364 TP45. The low level contact resistance of the 6mm, 7mm and 7.5mm mated height connectors shall not exceed 25 milliohms initially and 35 milliohms after environmental exposure when measured in accordance with EIA-364 TP45. The following details shall apply: A. Method of connection: Attach current and voltage leads as shown in Figure 1.0. The resistance shall be measured from the solder tail of the header to the solder tail of the receptacle. B. Test Voltage: 20 millivolts DC max open circuit. C. Test Current: Not to exceed 100 milliamperes. 6.3 INSULATION RESISTANCE The insulation resistance of the mated connectors shall not be less than 1 gigaohm after environmental exposure when measured in accordance with MIL-STD-202F, Method 302. The following details shall apply: A. Test voltage: 500 volts DC B. Preparation: The connectors shall be mated but not soldered to a P.C. board. C. Measurement points: The insulation resistance shall be measured between a minimum of 10 adjacent and 10 opposing contacts per connector. 6.4 DIELECTRIC WITHSTANDING VOLTAGE There shall be no evidence of arc-over, insulation breakdown or leakage current in excess of 1 milliampere when the unmated connector is tested in accordance with MIL-STD-202F, Method 301. The following details shall apply: A. Test voltage: 500 volts rms at 60 hz. PDM: Rev:T Released . STATUS: Printed: Nov 28, 2010 |
Similar Part No. - GS-12-006 |
|
Similar Description - GS-12-006 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |