Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GS-12-006 Datasheet(PDF) 17 Page - FCI connector

Part No. GS-12-006
Description  Conan™ Micro miniature Connector System
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FCI-CONNECTOR [FCI connector]
Homepage  http://www.fciconnect.com
Logo 

GS-12-006 Datasheet(HTML) 17 Page - FCI connector

 
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
NUMBER
GS-12-006
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
17 of 17
T
AUTHORIZED BY
DATE
Conan™ Micro miniature Connector System
C. Martinez
29 July 08
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
REVISION RECORD
REV
PAGE
DESCRIPTION
EC #
DATE
1
All
Created new product spec.
10/14/91
A
All
Various changes
Released
V22342
04/16/92
B
15
Change dim. on drawing
.236 to .230
.082 to .064
.098 to .095
V33470
07/09/92
C
All
Rewrite the following sections:
Change title
1.0, 4.1, 4.6, 5.2, 5.4, 6.1, 7.2, 7.3, 8.6, 8.8, 9.3, Table 1
V31757
09/29/93
D
All
Correct spelling in header
2.0 - change "family of products" to "system"
9.3 - add Test group 13
V31770
10/07/93
E
2,3,4
5,6,7
8,9
12
15
Update 4.6, 5.3.2, 6.2, 7.2, 7.3
7.4.5, 8.3
Remove 8.9 Section and renumber
Add Test Group 7 and delete 13
Update chart
Change Connector to Receptacle on dwg.
V40605
01/26/94
F
2
10,12
Add 4.6.4
Add Test Group #13
V40450
03/21/94
G
3
9
10,12
Update 5.3.1 and 6.1
Update 8.0
Add 3A, 5A and 13A
V51216
10/16/95
H
7
Sect. 8.3 - Change Phase II to read ‘Phase 2’; change Phase
III to read ‘8.3.1’.
V60740
03/18/97
J
4
Para. 6.2 - add 5.5mm and 7.5mm.
V70778
05/08/97
K
All
Revised format to be consistent with GS-01-001, and change
BERG, Dupont, etc. references to FCI. Change document
number prefix from GES to GS.
V01949
08/15/00
L
1,3
4.0 Add statement for document control precedence.
5.4.2 Add statement concerning allowance for open knit lines.
V03-1033
09/12/03
M
N
P
All
1,2,3,9
2
3
Change Logo
Add Lead-Free information
MIL-STD-1344 was replaced by EIA-364
Remove “Tin Lead” information
M06-0295
M06-0326
M07-0357
08/01/06
08/25/06
08/09/07
R
3
Add “Trade Mark” at GXT .
M08-0012
01/11/08
S
2 & 3
Add “Tin Lead” information and new series
M08-0042
02/13/08
T
2 & 3
Change Solderability, Porosity & Adhesion Specifications;
remove Obsolete specifications. Add new plating option
M08-0204
07/29/08
PDM: Rev:T
Released
.
STATUS:
Printed: Nov 28, 2010


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn