Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

GS-12-006 Datasheet(PDF) 10 Page - FCI connector

Part No. GS-12-006
Description  Conan™ Micro miniature Connector System
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FCI-CONNECTOR [FCI connector]
Homepage  http://www.fciconnect.com
Logo 

GS-12-006 Datasheet(HTML) 10 Page - FCI connector

Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
NUMBER
GS-12-006
TYPE
PRODUCT SPECIFICATION
TITLE
PAGE
REVISION
10 of 17
T
AUTHORIZED BY
DATE
Conan™ Micro miniature Connector System
C. Martinez
29 July 08
CLASSIFICATION
UNRESTRICTED
Copyright FCI
Form E-3334
Rev F
GS-01-001
9.3
SAMPLE QUANTITIES
Sample quantities for the respective test groups are as follows:
Test
Group
Size (number of
positions)
Connector
Height
Quantity
1
69
4.15
3
2
69
4.15
3
3
21 & 69
4.15 & 7.0
3 ea.
3A
21 & 69
4.15 & 7.0
3 ea.
4
21
7.0
3
5
69
7.0
3
5A
69
7.0
3
6
69
4.15 & 7.0
3 ea.
7
69
7.0
3
8
9 & 21 & 69
7.0
3 ea.
9
69
N/A
3
10
21 & 69
4.15 & 7.0
3 ea.
11
69
7.0
1
11A
69
7.0
1
11B
69
7.0
1
12
69
4.15 & 7.0
1 ea.
13
69
4.15
3
13A
69
4.15
3
PDM: Rev:T
Released
.
STATUS:
Printed: Nov 28, 2010


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn