Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A81736-000 Datasheet(PDF) 7 Page - Tyco Electronics

Part # A81736-000
Description  RAYCHEM Tubing Products
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

A81736-000 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button A81736-000 Datasheet HTML 3Page - Tyco Electronics A81736-000 Datasheet HTML 4Page - Tyco Electronics A81736-000 Datasheet HTML 5Page - Tyco Electronics A81736-000 Datasheet HTML 6Page - Tyco Electronics A81736-000 Datasheet HTML 7Page - Tyco Electronics A81736-000 Datasheet HTML 8Page - Tyco Electronics A81736-000 Datasheet HTML 9Page - Tyco Electronics A81736-000 Datasheet HTML 10Page - Tyco Electronics A81736-000 Datasheet HTML 11Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
1-115
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
1
SRFR
Available in:
Americas
Europe
Asia Pacific
II
I
Applications
Highly flexible and
resistant to high and low
temperatures. Unlike other
silicone materials, SRFR
displays outstanding
physical strength. It resists
extreme heat shocks, and
exhibits good thermal
insulation. SRFR is non-
burning and has
outstanding ablative
properties as well as
excellent physical and
electrical properties. SRFR
is used in medical
equipment where its key
properties are outstanding
flexibility and ability to
withstand exposure to
sterilization conditions.
Other applications include
thyristor power cable
insulation, heating element
and bus bar insulation, fiber
optic bundle sheathing,
and rocketry support cable
protection.
Series
UL
Raychem
SRFR
E85381 VW-1
RT-1142
600V, 200°C
RW-2057
Highly Flexible, Silicone
Rubber Tubing
Product Facts
I
Highly flame-retardant
I
Extremely flexible at high
and low temperatures
I
Shrink ratio 1.5:1 minimum
except sizes 4/2.9 and 29/20
I
RoHS compliant
Specifications/Approvals
Installation
Minimum shrink
temperature: 135°C [275°F]
Minimum full recovery
temperature: 175°C [347°F]
Operating Temperature Range
-75°C to 200°C
[-103°F to 392°F]


Similar Part No. - A81736-000

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
A817 FAIRCHILD-A817 Datasheet
496Kb / 9P
   4-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
List of Unclassifed Man...
A8170500 ETC2-A8170500 Datasheet
464Kb / 4P
   P O T T I N G B O X E S
logo
AiT Semiconductor Inc.
A8176 AITSEMI-A8176 Datasheet
501Kb / 9P
   LED DRIVER 1.0MHz, 1.2A UP TO 24V OUTPUT MICROPOWER
REV1.1
A8176E5R AITSEMI-A8176E5R Datasheet
501Kb / 9P
   LED DRIVER 1.0MHz, 1.2A UP TO 24V OUTPUT MICROPOWER
REV1.1
A8176E5VR AITSEMI-A8176E5VR Datasheet
501Kb / 9P
   LED DRIVER 1.0MHz, 1.2A UP TO 24V OUTPUT MICROPOWER
REV1.1
More results

Similar Description - A81736-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
022611-000 MACOM-022611-000 Datasheet
652Kb / 24P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com