Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D100D20C0GH63L6R Datasheet(PDF) 4 Page - Vishay Siliconix

Part # D100D20C0GH63L6R
Description  D Series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D100D20C0GH63L6R Datasheet(HTML) 4 Page - Vishay Siliconix

  D100D20C0GH63L6R Datasheet HTML 1Page - Vishay Siliconix D100D20C0GH63L6R Datasheet HTML 2Page - Vishay Siliconix D100D20C0GH63L6R Datasheet HTML 3Page - Vishay Siliconix D100D20C0GH63L6R Datasheet HTML 4Page - Vishay Siliconix D100D20C0GH63L6R Datasheet HTML 5Page - Vishay Siliconix D100D20C0GH63L6R Datasheet HTML 6Page - Vishay Siliconix D100D20C0GH63L6R Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Document Number: 28511
For technical questions, contact: CDC@vishay.com
www.vishay.com
Revision: 07-Jan-10
31
D Series
Ceramic Disc Capacitors
Class 1 and 2, 100 VDC, General Purpose
Vishay BCcomponents
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
F
(mm)
SH/DRMAX. (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
CLASS 2 Y5V
1000
+ 80/- 20
5.0
5.0
4.0
D102Z20Y5VH6.J5R
2.5
1.5
D102Z20Y5VH6.L2R
1500
5.0
4.0
D152Z20Y5VH6.J5R
2.5
1.5
D152Z20Y5VH6.L2R
2200
5.0
4.0
D222Z20Y5VH6.J5R
2.5
1.5
D222Z20Y5VH6.L2R
3300
5.0
4.0
D332Z20Y5VH6.J5R
2.5
1.5
D332Z20Y5VH6.L2R
4700
6.5
5.0
4.0
D472Z25Y5VH6.J5R
2.5
1.5
D472Z25Y5VH6.L2R
6800
5.0
4.0
D682Z25Y5VH6.J5R
2.5
1.5
D682Z25Y5VH6.L2R
10 000
7.5
5.0
4.0
D103Z29Y5VH6.J5R
2.5
1.5
D103Z29Y5VH6.L2R
15 000
8.5
5.0
4.0
D153Z33Y5VH6.J5R
2.5
1.5
D153Z33Y5VH6.L2R
22 000
10.0
5.0
4.0
D223Z39Y5VH6.J5R
2.5
1.5
D223Z39Y5VH6.L2R
CLASS 2 Z5V
4700
+ 80/- 20
5.0
5.0
4.0
D472Z20Z5VH6.J5R
2.5
1.5
D472Z20Z5VH6.L2R
10 000
6.5
5.0
4.0
D103Z25Z5VH6.J5R
2.5
1.5
D103Z25Z5VH6.L2R
22 000
8.5
5.0
4.0
D223Z33Z5VH6.J5R
2.5
1.5
D223Z33Z5VH6.L2R
47 000
11.0
5.0
4.0
D473Z43Z5VH6.J5R
2.5
1.5
D473Z43Z5VH6.L2R
Note
(1) SH = seated height; DR = run down
• Maximum thickness 4.0 mm
• Lead style codes refer to lead cofiguration
ORDERING INFORMATION, CLASS 2, 100 VDC, KINKED AND STRAIGHT
PACKAGING
DMAX.
(mm)
SIZE CODE
PACKAGING QUANTITIES
BULK
REEL
AMMO
5.0 (0.20")
20
1000
2500
2000
6.5 (0.25")
25
7.5 (0.29")
29
8.5 (0.33")
33
10.0 (0.39")
39
11.0 (0.43")
43


Similar Part No. - D100D20C0GH63L6R

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
D100D MPD-D100D Datasheet
141Kb / 2P
   Miniature, 1W SIP Dual Isolated Output DC/DC Con vert ers
More results

Similar Description - D100D20C0GH63L6R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D100J20C0GL6 VISHAY-D100J20C0GL6 Datasheet
295Kb / 6P
   D Series
Revision: 07-Jan-10
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
   D Series Heatsinks
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
DSERIENT VISHAY-DSERIENT Datasheet
321Kb / 6P
   D Series Narrow Tolerance
Revision: 07-Jan-10
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
logo
Shenzhen SI Semiconduct...
BLD123D SISEMIC-BLD123D Datasheet
416Kb / 6P
   NPN D SERIES TRANSISTORS
logo
Switchcraft, Inc.
CAPFD SWITCH-CAPFD Datasheet
97Kb / 1P
   D SERIES FEMALE CAP
10-13-14
logo
Vishay Siliconix
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com