Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D180J25C0GL6.J5. Datasheet(PDF) 1 Page - Vishay Siliconix

Part # D180J25C0GL6.J5.
Description  D Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D180J25C0GL6.J5. Datasheet(HTML) 1 Page - Vishay Siliconix

  D180J25C0GL6.J5. Datasheet HTML 1Page - Vishay Siliconix D180J25C0GL6.J5. Datasheet HTML 2Page - Vishay Siliconix D180J25C0GL6.J5. Datasheet HTML 3Page - Vishay Siliconix D180J25C0GL6.J5. Datasheet HTML 4Page - Vishay Siliconix D180J25C0GL6.J5. Datasheet HTML 5Page - Vishay Siliconix D180J25C0GL6.J5. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Ceramic Disc Capacitors
Class 1 and 2, 500 VDC, General Purpose
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28513
40
Revision: 07-Jan-10
D Series
Vishay BCcomponents
Capacitors with 5 mm (0.20"
) and 7.5 mm (0.30") lead spacing
MARKING
Marking indicates capacitance value and tolerance in
accordance with “EIA 198”.
The
capacitors
meet
the
essential
requirements
of
“EIA 198”. Unless stated otherwise all electrical values apply
at an ambient temperature of 25 °C ± 3 °C, at normal
atmospheric conditions.
OPERATING TEMPERATURE RANGE
Class 1, - 55 °C to + 125 °C
Class 2, - 55 °C to + 85 °C
TEMPERATURE COEFFICIENTS
Class 1, C0G (NP0); SL0
Class 2, Y5P; Z5U; Y5V; X5F
SECTIONAL SPECIFICATIONS
Class 1, IEC 60 384-8
Class 2, IEC 60 384-9
EIA 198
CLIMATIC CATEGORY
Class 1, 55/125/21
Class 2, 10/85/21, 30/85/21 and 55/85/21
FEATURES
•Low losses
• High stability
• High capacitance in small size
• Kinked (preferred) or straight leads
• Compliant to RoHS directive 2002/95/EC
APPLICATIONS
• Bypassing
•Coupling
• Resonant circuit
DESIGN
The capacitors consist of a ceramic disc both sides of which
are silver-plated. Connection leads are made of tinned
copper having a diameter of 0.6 mm.
The capacitors have inward kinked leads with a spacing of
5 mm (0.200") or 7.5 mm (0.300") and a lead length from
4 mm to 30 mm. Encapsulation is made of phenolic resin.
CAPACITANCE RANGE
Class 1, at 1 MHz, 1.2 VRMS; 10 pF to 82 pF
Class 2, at 1 kHz, 1 ± 0.2 VRMS; 100 pF to 22 000 pF
1 kHz, 1 VRMS ± 0.2 VRMS for capacitance values higher than
1000 pF
RATED DC VOLTAGE
500 V
DIELECTRIC STRENGTH
250 % of rated voltage
INSULATION RESISTANCE AT 500 VDC
≥ 10 000 MΩ
TOLERANCE ON CAPACITANCE
± 5 %; ± 10 %; ± 20 %; + 80/- 20 %
DISSIPATION FACTOR
Class 1, C
≤ 30 pF; ≤ 20 x (10/C + 0.7) x 10-4 maximum
Class 1, C > 30 pF;
≤ 0.2 %
Class 2,
≤ 3.0 %
QUICK REFERENCE DATA
DESCRIPTION
CLASS 1
(C0G (NP0),
SL0)
CLASS 2
(YP5, Z5U, Y5V, X5F)
Voltage (VDC)
500
Min. Capacitance (pF)
10
100
Max. Capacitance (pF)
82
22 000
Mounting
Through hole
Tangent
line
D
SH
F
Tangent
line
D
SH
F


Similar Part No. - D180J25C0GL6.J5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D180J20C0GF6.J5R VISHAY-D180J20C0GF6.J5R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D180J20C0GF6.L2R VISHAY-D180J20C0GF6.L2R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D180J20C0GH6.J5R VISHAY-D180J20C0GH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D180J20C0GH6.J5R VISHAY-D180J20C0GH6.J5R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D180J20C0GH6.J5R VISHAY-D180J20C0GH6.J5R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - D180J25C0GL6.J5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D109C20C0KH6.J5R VISHAY-D109C20C0KH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
   D Series Heatsinks
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
DSERIENT VISHAY-DSERIENT Datasheet
321Kb / 6P
   D Series Narrow Tolerance
Revision: 07-Jan-10
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
logo
Shenzhen SI Semiconduct...
BLD123D SISEMIC-BLD123D Datasheet
416Kb / 6P
   NPN D SERIES TRANSISTORS
logo
Switchcraft, Inc.
CAPFD SWITCH-CAPFD Datasheet
97Kb / 1P
   D SERIES FEMALE CAP
10-13-14
logo
Vishay Siliconix
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com