Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D120J20C0GL6.J5. Datasheet(PDF) 3 Page - Vishay Siliconix

Part # D120J20C0GL6.J5.
Description  D Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D120J20C0GL6.J5. Datasheet(HTML) 3 Page - Vishay Siliconix

  D120J20C0GL6.J5. Datasheet HTML 1Page - Vishay Siliconix D120J20C0GL6.J5. Datasheet HTML 2Page - Vishay Siliconix D120J20C0GL6.J5. Datasheet HTML 3Page - Vishay Siliconix D120J20C0GL6.J5. Datasheet HTML 4Page - Vishay Siliconix D120J20C0GL6.J5. Datasheet HTML 5Page - Vishay Siliconix D120J20C0GL6.J5. Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.vishay.com
For technical questions, contact: CDC@vishay.com
Document Number: 28513
42
Revision: 07-Jan-10
D Series
Vishay BCcomponents
Ceramic Disc Capacitors
Class 1 and 2, 500 VDC, General Purpose
Note
(1) SH = seated height
• Maximum thickness 4.0 mm
• Lead style codes refer to inward kinked leads. Other styles available on request
Note
• The capacitors are supplied in bulk packaging (cardboard boxes), in tape on reel or in ammopack.
C
(pF)
TOL.
(%)
DMAX.
(mm)
LEAD SPACING
(mm)
SH (1)
(mm)
CLEAR TEXT CODE
13TH DIGIT:
T = REEL; U = AMMO; 3 = BULK
16TH DIGIT:
R = RoHS COMPLIANT
CLASS 2 Z5U
1000
± 20
5.0
5.0
4.0
D102M20Z5UL6.J5.
1500
D152M25Z5UL6.J5.
2200
D222M25Z5UL6.J5.
3300
7.5
D332M29Z5UL6.J5.
4700
8.5
D472M33Z5UL6.J5.
6800
10.0
D682M39Z5UL6.J5.
10 000
11.0
D103M43Z5UL6.J5.
15 000
13.5
7.5
D153M53Z5UL6.J7.
22 000
15.0
D223M59Z5UL6.J7.
CLASS 2 X5F
1 00
± 10
5.0
5.0
4.0
D101K20X5FL6.J5.R.
2 20
D221K20X5FL6.J5.R.
330
D331K20X5FL6.J5.R.
470
6.5
D471K25X5FL6.J5.R.
680
D681K25X5FL6.J5.R.
1000
7.5
D102K29X5FL6.J5.R.
2200
10.0
D222K39X5FL6.J5.R.
3300
12.0
7.5
D332K47X5FL6.J7R.
4700
13.5
4.8
D472K53X5FL6.J7R.
ORDERING INFORMATION (PREFERED TYPES), CLASS 2, 500 VDC, KINKED
PACKAGING
DMAX.
(mm)
SIZE CODE
PACKAGING QUANTITIES
BULK
REEL
AMMO
5.0 (0.20")
20
1000
2000
2000
6.5 (0.25")
25
7.5 (0.29")
29
8.5 (0.33")
33
10.0 (0.39")
39
11.0 (0.43")
43
12.0 (0.47")
47
13.5 (0.53")
53
500
-
-
15.0 (0.59")
59
17.5 (0.69")
69


Similar Part No. - D120J20C0GL6.J5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D120J20C0GF6.J5R VISHAY-D120J20C0GF6.J5R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D120J20C0GF6.L2R VISHAY-D120J20C0GF6.L2R Datasheet
113Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 50 V (DC) General Purpose
Revision: 07-Apr-08
D120J20C0GH6.J5R VISHAY-D120J20C0GH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
D120J20C0GH6.J5R VISHAY-D120J20C0GH6.J5R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
D120J20C0GH6.J5R VISHAY-D120J20C0GH6.J5R Datasheet
316Kb / 7P
   Ceramic Disc Capacitors Class 1 and 2, 100 VDC, General Purpose
Revision: 07-Jan-10
More results

Similar Description - D120J20C0GL6.J5.

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D109C20C0KH6.J5R VISHAY-D109C20C0KH6.J5R Datasheet
326Kb / 7P
   D Series
Revision: 07-Jan-10
logo
ITT Industries
053515-1145 ITT-053515-1145 Datasheet
34Kb / 1P
   Combo D Series: D-Subminiature offering mixed Combo D Series: D-Subminiature offering mixed
logo
Ohmite Mfg. Co.
DV-T263-101E OHMITE-DV-T263-101E Datasheet
104Kb / 1P
   D Series Heatsinks
logo
Vishay Siliconix
SIHP14N50D VISHAY-SIHP14N50D Datasheet
165Kb / 9P
   D Series Power MOSFET
Rev. A, 21-May-12
DSERIENT VISHAY-DSERIENT Datasheet
321Kb / 6P
   D Series Narrow Tolerance
Revision: 07-Jan-10
SIHB8N50D VISHAY-SIHB8N50D Datasheet
155Kb / 7P
   D Series Power MOSFET
Rev. A, 21-Jan-13
SIHB10N40D VISHAY-SIHB10N40D_V01 Datasheet
157Kb / 7P
   D Series Power MOSFET
01-Jan-2022
logo
Shenzhen SI Semiconduct...
BLD123D SISEMIC-BLD123D Datasheet
416Kb / 6P
   NPN D SERIES TRANSISTORS
logo
Switchcraft, Inc.
CAPFD SWITCH-CAPFD Datasheet
97Kb / 1P
   D SERIES FEMALE CAP
10-13-14
logo
Vishay Siliconix
SIHF6N40D VISHAY-SIHF6N40D_V01 Datasheet
182Kb / 9P
   D Series Power MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com