Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D76139-000 Datasheet(PDF) 11 Page - Tyco Electronics

Part # D76139-000
Description  RAYCHEM Tubing Products
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

D76139-000 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button D76139-000 Datasheet HTML 7Page - Tyco Electronics D76139-000 Datasheet HTML 8Page - Tyco Electronics D76139-000 Datasheet HTML 9Page - Tyco Electronics D76139-000 Datasheet HTML 10Page - Tyco Electronics D76139-000 Datasheet HTML 11Page - Tyco Electronics D76139-000 Datasheet HTML 12Page - Tyco Electronics D76139-000 Datasheet HTML 13Page - Tyco Electronics D76139-000 Datasheet HTML 14Page - Tyco Electronics D76139-000 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
1-119
9-1773447-9
Dimensions are in inches and
Dimensions are shown for
USA: 1-800-522-6752
Germany: 49-6251-133-1999
CIS WR 08/2011
millimeters unless otherwise
reference purposes only.
Canada: 1-905-475-6222
China: 86-400-820-6015
specified. Values in brackets
Specifications subject
Mexico: 52-55-1106-0800
Japan: 81-44-844-8013
te.com
are metric equivalents.
to change.
L. & S. America: 54-11-4733-2200
UK: 44-800-267-666
RAYCHEM Tubing Products
1
TAT-125
Adhesive-Lined,
Flexible,
Polyolefin Tubing
Product Facts
I
2:1 shrink ratio
I
Thin adhesive lining that
bonds to outer tubing and
surface below, forming a
positive environmental seal
I
Flexibility of both tubing and
adhesive
I
Moisture seal that is
resistant to bending of the
substrate
I
Good mechanical strength
and cut-through resistance
I
Adhesive that bonds to a
wide variety of plastics,
rubbers, and metals,
including polyethylene,
neoprene, lead, and steel
I
RoHS compliant
Installation
Minimum shrink
temperature: 95°C [203°F]
Minimum full recovery
temperature: 121°C [250°F]
Operating Temperature Range
-55°C to 110°C
[-67°F to 230°F]
Specifications/Approvals
Applications
Seals and protects simple
in-line splices, bimetallic
joints, and components
from fluids, moisture, and
corrosion. Repairs
damaged wire insulation,
especially where flexibility
is required. Provides one-
step electrical insulation
and moisture sealing.
Available in:
Americas
Europe
Asia Pacific
II
Series
UL*
Military
Raychem
TAT-125 Type 1 (colors)
E85381
AMS-DTL-23053/4*, Class 2
RW-3032
600 V, 125°C
TAT-125 Type 2 (clear)
——
RW-3032
*Formerly MIL-I-23053/4 and MIL-DTL-23053/4. Sizes 1/4" through 1 1/2" only.


Similar Part No. - D76139-000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
D76 ETC1-D76 Datasheet
650Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
NEC
D765 NEC-D765 Datasheet
333Kb / 17P
   Single/Double Density Floppy-Disk Controller
logo
Frequency Devices, Inc.
D76H6B FREQUENCYDEVICES-D76H6B Datasheet
877Kb / 6P
   32 Pin DIP 6-Pole Filters
logo
List of Unclassifed Man...
D76H6B-2.50KHZ ETC1-D76H6B-2.50KHZ Datasheet
650Kb / 6P
   32 Pin DIP 6-Pole Filters
D76H6B-33.3KHZ ETC1-D76H6B-33.3KHZ Datasheet
650Kb / 6P
   32 Pin DIP 6-Pole Filters
More results

Similar Description - D76139-000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
TAT-125-1 MACOM-TAT-125-1 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
SST-48-07 MACOM-SST-48-07 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
A44820-000 MACOM-A44820-000 Datasheet
120Kb / 2P
   RAYCHEM Tubing Products
003667-000 MACOM-003667-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
M/A-COM Technology Solu...
5038104002 MA-COM-5038104002 Datasheet
114Kb / 2P
   RAYCHEM Tubing Products
logo
Tyco Electronics
022611-000 MACOM-022611-000 Datasheet
652Kb / 24P
   RAYCHEM Tubing Products
019083-000 MACOM-019083-000 Datasheet
1Mb / 42P
   RAYCHEM Tubing Products
logo
TE Connectivity Ltd
2-1773452-8 TEC-2-1773452-8 Datasheet
2Mb / 8P
   APPLICATION TOOLING FOR RAYCHEM HEAT SHRINK PRODUCTS FROM TE CONNECTIVITY
logo
Tyco Electronics
013206-000 MACOM-013206-000 Datasheet
58Kb / 2P
   RAYCHEM
logo
Alpha Wire
GRP120NF12 ALPHAWIRE-GRP120NF12 Datasheet
173Kb / 3P
   Tubing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com