Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A-1PA-132-150W2 Datasheet(PDF) 2 Page - Amphenol Corporation

Part # A-1PA-132-150W2
Description  EASY SNAP-ON/OFF MATING
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

A-1PA-132-150W2 Datasheet(HTML) 2 Page - Amphenol Corporation

  A-1PA-132-150W2 Datasheet HTML 1Page - Amphenol Corporation A-1PA-132-150W2 Datasheet HTML 2Page - Amphenol Corporation A-1PA-132-150W2 Datasheet HTML 3Page - Amphenol Corporation A-1PA-132-150W2 Datasheet HTML 4Page - Amphenol Corporation A-1PA-132-150W2 Datasheet HTML 5Page - Amphenol Corporation A-1PA-132-150W2 Datasheet HTML 6Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
Amphenol® RF:
800-627-7100
2
Amphenol® RF:
800-627-7100
AMC Solutions
Description
Amphenol RF manufactures a family of Amphenol Micro Coaxial (AMC) connectors and cable
assemblies for use in applications with 50 Ω impedance requirements. AMC connectors are low
profile (2.5 mm off the board) and offer an extremely small board footprint (3mm x 3mm).
Features/Benefits
•Easysnap-on/offmating
•Ultralow-profile(2.5mmmatingheight)
•Smallfootprint(3mmx3mm)
•100%CompatiblewithHiroseU.Flseries
•Rightangleplugsarepre-installedon1.13mm,1.32mm
or 1.37 mm coaxial cable and tested prior to shipment.
Applications
•WirelessInternet(WiFi,WiMax,EvDO/EvDVSolutions)
•WirelessInfrastructure(CellularBaseStations)
•RFID
•Bluetooth
•Inventory/BarcodeScanners
•HandheldDevices
AMC
AMC
2
Amphenol® RF:
800-627-7100
2


Similar Part No. - A-1PA-132-150W2

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
A-1PA-113-064-B2 AMPHENOL-A-1PA-113-064-B2 Datasheet
104Kb / 1P
   RIGHT ANGLE PLUG JUMPER
A-1PA-113-100B2 AMPHENOL-A-1PA-113-100B2 Datasheet
104Kb / 1P
   RIGHT ANGLE PLUG JUMPER
A-1PA-113-100G2 AMPHENOL-A-1PA-113-100G2 Datasheet
104Kb / 1P
   RIGHT ANGLE PLUG JUMPER
A-1PA-113-125B2 AMPHENOL-A-1PA-113-125B2 Datasheet
104Kb / 1P
   RIGHT ANGLE PLUG JUMPER
A-1PA-113-150B2 AMPHENOL-A-1PA-113-150B2 Datasheet
104Kb / 1P
   RIGHT ANGLE PLUG JUMPER
More results

Similar Description - A-1PA-132-150W2

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLH3535-WCUV03 P-TEC-PLH3535-WCUV03 Datasheet
794Kb / 9P
   Easy mounting on PCB
logo
Molex Electronics Ltd.
502078-1710 MOLEX-502078-1710 Datasheet
1Mb / 2P
   Easy-On FPC Connector
logo
P-tec Corporation
PLH3535-WCUV01 P-TEC-PLH3535-WCUV01 Datasheet
923Kb / 8P
   Easy mounting on PCB
logo
Festo Corporation.
197129 FESTO-197129 Datasheet
85Kb / 1P
   On off valve
4/1/22
153297 FESTO-153297 Datasheet
93Kb / 1P
   On off valve
4/13/22
153480 FESTO-153480 Datasheet
102Kb / 1P
   On off valve
4/13/22
153982 FESTO-153982 Datasheet
101Kb / 1P
   On off valve
4/13/22
190870 FESTO-190870 Datasheet
102Kb / 1P
   On off valve
4/13/22
197131 FESTO-197131 Datasheet
85Kb / 1P
   On off valve
4/1/22
197134 FESTO-197134 Datasheet
86Kb / 1P
   On off valve
4/1/22
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com