Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMS-NC-19-9 Datasheet(PDF) 5 Page - Tyco Electronics

Part # SMS-NC-19-9
Description  T107M Handheld Printer
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMS-NC-19-9 Datasheet(HTML) 5 Page - Tyco Electronics

  SMS-NC-19-9 Datasheet HTML 1Page - Tyco Electronics SMS-NC-19-9 Datasheet HTML 2Page - Tyco Electronics SMS-NC-19-9 Datasheet HTML 3Page - Tyco Electronics SMS-NC-19-9 Datasheet HTML 4Page - Tyco Electronics SMS-NC-19-9 Datasheet HTML 5Page - Tyco Electronics SMS-NC-19-9 Datasheet HTML 6Page - Tyco Electronics SMS-NC-19-9 Datasheet HTML 7Page - Tyco Electronics SMS-NC-19-9 Datasheet HTML 8Page - Tyco Electronics SMS-NC-19-9 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
138
Catalog 1654227
Dimensions not italicized are
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-3611-1514
Revised 04-07
in millimeters while dimensions
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
in inches are italicized.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-5-729-0425
UK: 44-141-810-8967
T300 Series High performance, cost effective thermal transfer printers
Printers
The T300 series printers are high performance, yet cost effective
thermal transfer printers with a 4.1" printhead. The rugged and
durable all metal construction makes them suitable for demanding
industrial and commercial environments. The enhanced memory
and 32 bit processor provide fast data processing and print
speeds. Optional accessories are available for added convenience
and efficiency.
The T308S and T308SN have a 200 dpi printhead for use with
the Tyco Electronics range of thermal transfer printable pressure
sensitive label products. The T308SN provides network capability
for real time connectivity with the printer. With such connectivity,
print jobs can be modified from any location over the Internet via
Web-based tools. The T308SN printer is also capable of sending
alerts via email enabled wired or wireless devices.
The 300 dpi printhead on the T312S, T312M and T312Z
produces crisp, high quality text, barcodes and graphic images.
The T312S and T312Z are for use with Tyco Electronics thermal
transfer printable pressure sensitive label products. The color-
coded operator cues and auto-calibration features make T312Z an
affordable yet easy to use label printing system. The T312M is
designed for use with Tyco Electronics TMS and HSI wire marker
sleeves, as well as thermal transfer pressure sensitive label
products.
Printer specifications
Tyco Electronics
T308S-TTDS-054
T312M-TTDS-066
T312Z-TTDS-115
Print head width
104mm (4.09")
Print head resolution
T308S: 8dpmm (203 dpi)
T312M/T312S/T312Z*: 12dpmm (305 dpi)
Print speed (maximum)
T308S/T312M/T312S: 203mm/sec
(8 inch/sec)
T312Z*: 154mm/sec (6 inch/sec)
Media sensor
Transmissive - adjustable
Reflective (fixed)
Memory
T308S/T312M/T312S: 6MB DRAM and
2MB Flash
T308SN: Additional 8MB flash memory
in PCMCIA socket
T312Z*: 4MB DRAM and 1MB Flash
Communication interface
Bi-directional parallel (Centronics) and
serial (RS232)
Printer dimensions
T308S/T312M/T312S:
283mm W x 495mm D x 394mm H
(11.2" W x 19.5" D x 15.5" H)
T312Z*:
278mm W x 475mm D x 338mm H
(10.93" W x 18.69" D x 13.32" H)
Printer weight
T308S/T312M/T312S: 25kg (55 lbs)
T312Z*:15kg (32.4 lbs)
Shipping weight
T308S/T312M/T312S: 29kg (63 lbs)
T312Z*:22kg (49 lbs)
Media Specifications
Maximum print width
104mm (4.09")
Maximum media width
114mm (4.48")
Minimum media width
T308S/T312M/T312S: 20mm (0.76")
T312Z*: 25.4mm (1.0")
Maximum media roll diameter
203mm (8.0")
Media core diameter
76mm (3.0")
Ribbon wind
Ink side out
Product order code
Description
T308S-PRINTER
T308S thermal printer - standard
T308S-C-PRINTER
T308S thermal printer - cutter option
T308S-R-PRINTER
T308S thermal printer - internal rewind
option
T308SN-PRINTER
T308S thermal printer - network capabilities
T312SN
T312S thermal printer - network capabilities
T312S-PRINTER
T312S thermal printer - standard
T312S-C-PRINTER
T312S thermal printer - cutter option
T312S-R-PRINTER
T312S thermal printer - internal rewind
option
T312M-PRINTER
T312M thermal printer - standard
T312M-R-PRINTER
T312M thermal printer - internal rewind
option
T312Z-PRINTER
T312Z thermal printer - standard*
*Not available in Europe, Middle East or Africa


Similar Part No. - SMS-NC-19-9

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
SMS-001-GT ADAM-TECH-SMS-001-GT Datasheet
57Kb / 1P
   PIN RECEPTACLES
logo
Projects Unlimited, Inc...
SMS-1308MS-2-R PUI-SMS-1308MS-2-R Datasheet
215Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
PUI audio inc.
SMS-1308MS-2-R PUIAUDIO-SMS-1308MS-2-R Datasheet
335Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
logo
Projects Unlimited, Inc...
SMS-1308MS-R PUI-SMS-1308MS-R Datasheet
76Kb / 1P
   SPEAKER
SMS-1508-2-R PUI-SMS-1508-2-R Datasheet
186Kb / 1P
   Surface Mount Speaker
More results

Similar Description - SMS-NC-19-9

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
LD78E6HG-Q SENSORTECHNICS-LD78E6HG-Q Datasheet
940Kb / 4P
   Laser Printer
logo
Toshiba Semiconductor
TLP1211 TOSHIBA-TLP1211 Datasheet
242Kb / 5P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER
logo
Pepperl+Fuchs Inc.
IC-HH52 PF-IC-HH52 Datasheet
901Kb / 2P
   Handheld
2022-05-19
IPT-HH51-Y70152075 PF-IPT-HH51-Y70152075 Datasheet
342Kb / 2P
   Handheld
2022-05-06
logo
Holtek Semiconductor In...
HT6750A HOLTEK-HT6750A Datasheet
126Kb / 8P
   Date Printer
logo
Agilent(Hewlett-Packard...
U1241B HP-U1241B Datasheet
332Kb / 9P
   Agilent U1240 Series Handheld Handheld
logo
Pepperl+Fuchs Inc.
IC-HH51 PF-IC-HH51 Datasheet
901Kb / 2P
   Handheld
2022-05-19
logo
Sanyo Semicon Device
LB1256 SANYO-LB1256 Datasheet
49Kb / 2P
   Printer Driver
LB1256M SANYO-LB1256M Datasheet
54Kb / 2P
   Printer Driver?
logo
Toshiba Semiconductor
TLP1217 TOSHIBA-TLP1217 Datasheet
330Kb / 7P
   COPIER, LASER BEAM PRINTER FACSIMILE, PRINTER, ELECTRONIC TYPEWRITER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com